Electronic Components Datasheet Search
  English  ▼

X  

UPD4990AC Datasheet(PDF) 8 Page - NEC

Part # UPD4990AC
Description  SERIAL I/O CALENDAR & CLOCK CMOS LSI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4990AC Datasheet(HTML) 8 Page - NEC

Back Button UPD4990AC Datasheet HTML 4Page - NEC UPD4990AC Datasheet HTML 5Page - NEC UPD4990AC Datasheet HTML 6Page - NEC UPD4990AC Datasheet HTML 7Page - NEC UPD4990AC Datasheet HTML 8Page - NEC UPD4990AC Datasheet HTML 9Page - NEC UPD4990AC Datasheet HTML 10Page - NEC UPD4990AC Datasheet HTML 11Page - NEC UPD4990AC Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
µPD4990A
8
(2) TP selection and control
[C2, C1, C0] / [C3', C2', C1', C0']
• TP = 64 Hz Set Mode [1, 0, 0] / [0, 1, 0, 0]
64 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
• TP = 256 Hz Set Mode [1, 0, 1] / [0, 1, 0, 1]
256 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
• TP = 2 048 Hz Set Mode [1, 1, 0] / [0, 1, 1, 0]
2 048 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
Modes permitted only for serial commands
[C3', C2', C1', C0']
• TP = 4 098 Hz Set Mode [0, 1, 1, 1]
4 098 Hz (50 % duty) is output to the TP pin. The interval timer stops.
• TP = 1-second Interval Set Mode (counter reset & start) [1, 0, 0, 0]
A 1-second interval signal is output to the TP pin.
• TP = 10-second Interval Set Mode (counter reset & start) [1, 0, 0, 1]
A 10-second interval signal is output to the TP pin.
• TP = 30-second Interval Set Mode (counter reset & start) [1, 0, 1, 0]
A 30-second interval signal is output to the TP pin.
• TP = 60-second Interval Set Mode (counter reset & start) [1, 0, 1, 1]
A 60-second interval signal is output to the TP pin.
• Interval Output Flag Reset [1, 1, 0, 0]
The interval signal output to the TP pin is reset.
The interval timer counter continue the operation.
• Interval Timer Clock Run [1, 1, 0, 1]
The timer for outputting interval signals is reset then started.
• Interval Timer Clock Stop [1, 1, 1, 0]
The timer for outputting interval signals stops.
The output status does not change.
(3) Serial command transfer mode setting
Set [C2, C1, C0] = [1, 1, 1]
(4) Test mode setting
Set [C2, C1, C0] = [1, 1, 1] [C3', C2', C1', C0'] = [1, 1, 1, 1]
° 3-bit parallel command setting mode
[C2, C1, C0]
The year function is ineffective when commands are input through C2, C1, and C0 pins.
Generally, February involves 28 days. The 29th day can be set optionally. The next day of the February
29th can be set the March 1st automatically. The interval timer is in the halt state.
* The test mode is cancelled by [C2, C1, C0] = [0, 0, 0] to [1, 1, 0].
° Serial command transfer mode
[C3', C2', C1', C0']
If a strobe signal is input with C2, C1, and C0 pins set at the VDD level ([1, 1, 1]), the contents of the serial
command register ([C3', C2', C1', C0']) are received as a command; the year function is effective.
* The test mode is cancelled by [C3', C2', C1', C0']
= [0, 0, 0]
= [0, 1, 0, 0] to [1, 1, 1, 0]
In this mode, the serial command register is not held with the Register Hold command. Accordingly, the serial
command can be executed irrespective of the mode if the CS pin is active.
The year function is effective in the serial command transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com