Electronic Components Datasheet Search
  English  ▼

X  

UPD4990AC Datasheet(PDF) 1 Page - NEC

Part # UPD4990AC
Description  SERIAL I/O CALENDAR & CLOCK CMOS LSI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4990AC Datasheet(HTML) 1 Page - NEC

  UPD4990AC Datasheet HTML 1Page - NEC UPD4990AC Datasheet HTML 2Page - NEC UPD4990AC Datasheet HTML 3Page - NEC UPD4990AC Datasheet HTML 4Page - NEC UPD4990AC Datasheet HTML 5Page - NEC UPD4990AC Datasheet HTML 6Page - NEC UPD4990AC Datasheet HTML 7Page - NEC UPD4990AC Datasheet HTML 8Page - NEC UPD4990AC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
1989
DATA SHEET
MOS INTEGRATED CIRCUIT
The
µPD4990A is a CMOS LSI developed to input/output calendar & clock data serially to/from the micro computer.
The crystal frequency is 32.768 kHz and the data items included are time, minute, second, year, month, day, and
week.
FEATURES
• Built-in counters for time (hour, minute, and second) and date (year, month, day, and week)
• Leap years are adjusted automatically.
• Data is represented in BCD notation (except months in hexadecimal notation) and input/output serially.
• Commands can be set by inputting serial data.
• Selective timing pulses (TPs) are 64 Hz, 256 Hz, 2 048 Hz, and 4 096 Hz and selective output intervals are 1, 10,
30, and 60 seconds.
ORDERING INFORMATION
PART No.
PACKAGE
µPD4990AC
14-pin plastic DIP (300 mil)
µPD4990AG
16-pin plastic SOP (300 mil)
CONNECTION DIAGRAM (Top View)
µPD4990A
Document No. IC-1755 (1st edition)
Date Published March 1997 P
Printed in Japan
SERIAL I/O CALENDAR & CLOCK
CMOS LSI
114
213
312
411
510
69
7
C2
C1
C0
STB
CS
DATA IN
GND
(VSS)
VDD (+)
XTAL
XTAL
OUT ENBL
TP
DATA OUT
CLK
PD4990AC
µ
8
116
215
314
413
512
611
7
C2
C1
C0
NC
STB
CS
DATA IN
VDD (+)
XTAL
XTAL
NC
OUT ENBL
TP
DATA OUT
PD4990AG
NC: NO CONNECTION
µ
10
89
GND
(VSS)
CLK


Similar Part No. - UPD4990AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4990AC RENESAS-UPD4990AC Datasheet
261Kb / 22P
MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD4990AC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4991A NEC-UPD4991A Datasheet
133Kb / 32P
4-BIT PARALLEL I/O CALENDAR CLOCK
UPD4992 NEC-UPD4992 Datasheet
101Kb / 16P
8-Bit Parallel I/O Calendar Clock
logo
New Japan Radio
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
SERIAL I/O REAL TIME CLOCK
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124 Datasheet
144Kb / 17P
Serial I/O Filter
May 1999
logo
New Japan Radio
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
NEC
UPD1990AC NEC-UPD1990AC Datasheet
793Kb / 13P
SERIAL I/O CALENDAR & CLOCK CMOS LSI
UPD6529C NEC-UPD6529C Datasheet
431Kb / 6P
AUTOMOTIVE CLOCK CMOS LSI
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
Serial I/O Filter
April 18, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com