Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 7 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 7 Page - Linear Technology

Back Button LM134_15 Datasheet HTML 3Page - Linear Technology LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology LM134_15 Datasheet HTML 10Page - Linear Technology LM134_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM134 Series
7
Figure 3. Centigrade Temperature Sensor
V+
V–
R
RSET
226
Ω
VS ≥ 4V
LM134-3
134 F03
OUTPUT
10mV/
°C
9.53k
1%
1k
SLOPE
ADJ
10k
ZERO
ADJ
100
Ω
10k
“a”
–15V
LT1009
The two trims shown in Figure 3 are still intended to be a
“one point” temperature calibration, where the zero and
the slope are trimmed at a single temperature. The LT1009
reference is adjusted to give 2.700V at node “a” at TSENSOR
= 25
°C. The 1k trimmer then adjusts the output for 0.25V,
completing the calibration. If the calibration is to be done
at a temperature other than 25
°C , trim the LT1009 for
2.7025—(1
µA)[TSENSOR (°C)](100Ω) at node “a”, then
adjust the 1k trimmer for proper output.
If higher accuracy is required, a two point calibration
technique can be used. In Figure 4, separate zero and slope
trims are provided. Residual nonlinearity is now the limi-
tation on accuracy. Nonlinearity of the LM134 in a 100
°C
span is typically less than 0.5
°C. This particular method of
trimming has the advantage that the slope trim does not
interact with the zero trim. Trim procedure is to adjust for
zero output with TSENSOR = 0°C, then trim slope for proper
output at some convenient second temperature. No fur-
ther trimming is required.
226
Ω*
V+
≥ 5V
V+
V–
R
LM134-3
134 F04
OUTPUT
10mV/
°C
332k
1%
11k*
1%
SLOPE
TRIM
500k
ZERO
TRIM
10k
15k
50k
–15V
LT1009
*LOW TC, STABLE RESISTOR
Figure 4. Centigrade Temperature Sensor with 2 Point Trim
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S
V+
V–
R
LM334
VIN ≥ 4.8V
R1
230
Ω
1%
R2
10k
1%
C1
0.1
µF
R3*
600
Ω
VOUT = 10mV/°K
ZOUT ≤ 100Ω
134 TA03
*OUTPUT IMPEDANCE OF THE LM134 AT THE “R” PIN IS
APPROXIMATELY
Ω, WHERE RO IS THE EQUIVALENT
EXTERNAL RESISTANCE CONNECTED TO THE V– PIN. THIS
NEGATIVE RESISTANCE CAN BE REDUCED BY A FACTOR OF
5 OR MORE BY INSERTING AN EQUIVALENT RESISTOR IN
SERIES WITH THE OUTPUT.
–RO
16
134 TA04
V+
V–
R
LM334
VIN
–VIN
RSET
I+
R1*
≈10 RSET
D1
1N457
*SELECT RATIO OF R1 TO RSET TO
OBTAIN ZERO DRIFT. I+
≈2 ISET.
V–
V+
R
LM334
RSET
ISET
134 TA02
VIN
–VIN
Basic 2-Terminal
Current Source
Low Output Impedance
Thermometer (Kelvin Output)
Zero Temperature
Coefficient Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com