Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 8 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 8 Page - Linear Technology

Back Button LM134_15 Datasheet HTML 4Page - Linear Technology LM134_15 Datasheet HTML 5Page - Linear Technology LM134_15 Datasheet HTML 6Page - Linear Technology LM134_15 Datasheet HTML 7Page - Linear Technology LM134_15 Datasheet HTML 8Page - Linear Technology LM134_15 Datasheet HTML 9Page - Linear Technology LM134_15 Datasheet HTML 10Page - Linear Technology LM134_15 Datasheet HTML 11Page - Linear Technology LM134_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM134 Series
8
TYPICAL APPLICATIO S
TA06
V+
V–
R
LM334
VIN
R3
100
Ω
R2
300
Ω
R1
15k
R4
4.5k
2N4250
VOUT = 10mV/°K
ZOUT ≤ 2Ω
C1
0.0022
TA07
V+
V–
R
LM334
VIN ≥ VREF + 200mV
R2
120
Ω
R1
1.5k
Q1
2N4250
VOUT = VZ + 64mV AT 25°C
IOUT ≤ 3mA
C1
0.1
LT1009
VZ
+
–
TA05
V+
V–
R
LM334
VIN
–VIN
RSET
R1*
C1*
*SELECT R1 AND C1 FOR OPTIMUM STABILITY
2N2905
TA08
V+
V–
R
LM334
VIN
–VIN
RSET
68k
1
µA
LM4250
V+
V–
R
LM134**
C1
0.001
100k
VIN ≥ 1.8V
VOUT = 1.2V
IOUT ≤ 200µA
2N4250
R1
33k
1N457**
R1*
≈6k
1%
R2*
680
Ω
1%
SELECT RATIO OF R1 TO R2 FOR ZERO TEMPERATURE DRIFT
LM134 AND DIODE SHOULD BE ISOTHERMAL
*
**
TA09
TA10
V+
V–
R
LM334
VIN
VOUT
RSET
VZ
Higher Output Current
Low Output Impedance Thermometer
Low Input Voltage Reference Driver
Micropower Bias
1.2V Regulator with 1.8V Minimum Input
Zener Biasing
Alternate Trimming Technique
Buffer for Photoconductive Cell
High Precision Low TC Current Source
V–
V+
R
R1*
LM334
RSET
TA11
VIN
–VIN
*FOR
±10% ADJUSTMENT, SELECT RSET
10% HIGH AND MAKE R1
≈ 3RSET
V–
V+
R
LM334
TA12
1.5V
1.37V
R2
TA13
V+
V–
R
LM334
R2*
R1
6.8k
ISET ≥ 50µA
+
–
LT1004-1.2
(1.235V)
*ISET =
+ 10
µA
ISET TC = 0.016%/°C + 33nA/°C
REGULATION
≈ 0.001%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com