Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 1 Page - Linear Technology

  LT1077 Datasheet HTML 1Page - Linear Technology LT1077 Datasheet HTML 2Page - Linear Technology LT1077 Datasheet HTML 3Page - Linear Technology LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1077
1077fa
■
60µA Max Supply Current
■
40µV Max Offset Voltage
■
350pA Max Offset Current
■
0.5µVP-P 0.1Hz to 10Hz Voltage Noise
■
2.5pAP-P 0.1Hz to 10Hz Current Noise
■
O.4µV/°C Offset Voltage Drift
■
250kHz Gain-Bandwidth Product
■
0.12V/µs Slew Rate
■
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground while Sinking Current
No Pull-Down Resistors are Needed
■
Output Sources and Sinks 5mA Load Current
■
Replaces OP-07, OP-77, AD707, LT1001, LT1O12
at 10 to 60 Times Lower Power
■
Battery or Solar Powered Systems
■
4mA to 2OmA Current Loops
■
Two Terminal Current Source
■
Megaohm Source Resistance Difference Amplifier
Micropower, Single Supply,
Precision Op Amp
Self Buffered Micropower Reference
Distribution of Input Offset Voltage
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
750k
3.6V TO 9V
3
2
0.1µF
LT1034
1.2V
OUTPUT
1.230V
±1.2% MAX
SUPPLY CURRENT = 60µA MAX
SOURCES UP TO 10mA
LOAD REGULATION = 30µV/mA
TEMPERATURE DRIFT = 12ppm/°C
7
4
6
+
–
LT1077
LT1077 • TA01
INPUT OFFSET VOLTAGE (µV)
–40
20
25
30
20
LT1077 • TA02
15
10
–20
–30
–10
0
40
10
30
5
0
35
VS = 5V, 0V
TA = 25°C
1072 UNITS
TESTED IN
H, J8, N8
PACKAGES
The LT
®1077 is a micropower precision operational
amplifier optimized for single supply operation at 5V. In
addition, ±15V specifications are provided.
Micropower performance of competing devices is
achieved at the expense of seriously degrading precision,
noise, speed, and output drive specifications. The LT1077
reduces supply current without sacrificing other
parameters. The offset voltage achieved is the lowest
of any micropower op amp. Offset current, voltage
and current noise, slew rate and gain-bandwidth product
are all two to ten times better than on previous micropower
op amps.
The 1/f corner of the voltage noise spectrum is at 0.7Hz.
This results in low frequency (0.1Hz to 10Hz) noise
performance which can only be found on devices with an
order of magnitude higher supply current.
The LT1077 is completely plug-in compatible (including
nulling) with all industry standard precision op amps.
Thus, it can replace these precision op amps in many
applications without sacrificing performance, yet with
significant power savings.
The LT1077 can be operated from one lithium cell or two
Ni-Cad batteries. The input range goes below ground. The
all-NPN output stage swings to ground while sinking
current—no pull-down resistors are needed.
For dual and quad op amps with similar specifications
please see the LT1078/LT1079 datasheet.


Similar Part No. - LT1077

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
LT1077AC LINER-LT1077AC Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
LT1077ACH LINER-LT1077ACH Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
More results

Similar Description - LT1077

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
June 28, 2007
logo
Linear Technology
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com