Electronic Components Datasheet Search
  English  ▼

X  

LT1077 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 3 Page - Linear Technology

  LT1077 Datasheet HTML 1Page - Linear Technology LT1077 Datasheet HTML 2Page - Linear Technology LT1077 Datasheet HTML 3Page - Linear Technology LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1077
1077fa
LT1077AM/AI
LT1077M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
50
200
60
260
µV
∆VOS/∆T
Input Offset Voltage Drift
LT1077IS8 (Note 6)
●
1
2.5
µV/°C
IOS
Input Offset Current
●
0.08
0.60
0.08
0.80
nA
IB
Input Bias Current
●
811
8
13
nA
CMRR
Common Mode Rejection Ratio
VCM = 0.05V to 3.2V
●
92
104
88
103
dB
PSRR
Power Supply Rejection Ratio
VS = 3.1V to 12V
●
98
114
94
113
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.5V, RL = 50k
●
120
600
100
600
V/mV
Maximum Output Voltage
Output Low, No Load
●
4.5
8
4.5
8
mV
Swing
Output Low, ISINK = 100µA
●
120
170
120
170
mV
Output High, No Load
●
3.9
4.2
3.9
4.2
V
Output High, 2k to GND
●
3
3.7
3
3.7
V
IS
Supply Current
●
54
80
54
90
µA
LT1077AM/AI/AC
LT1077M/I/C/S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Noise Current Density
fO = 10Hz (Note 3)
0.065
0.11
0.065
pA/√Hz
fO = 1000Hz
0.02
0.02
pA/√Hz
Input Resistance
(Note 4)
Differential Mode
350
700
270
700
MΩ
Common Mode
6
6
GΩ
Input Voltage Range
3.5
3.8
3.5
3.8
V
0– 0.3
0– 0.3
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
97
106
94
105
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V
102
118
100
117
dB
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load
300
1000
240
1000
V/mV
VO = 0.03V to 3.5V, RL = 50k
250
1000
200
1000
V/mV
Maximum Output Voltage
Output Low, No Load
3.5
6
3.5
6
mV
Swing
Output Low, 2k to GND
0.7
1.1
0.7
1.1
mV
Output Low, lSINK = 100µA90
130
90
130
mV
Output High, No Load
4.2
4.4
4.2
4.4
V
Output High, 2k to GND
3.5
3.9
3.5
3.9
V
SR
Slew Rate
(Note 2)
0.05
0.08
0.05
0.08
V/µs
GBW
Gain Bandwidth Product
fO ≤ 20kHz
230
230
kHz
IS
Supply Current
48
60
48
68
µA
Offset Adjustment Range
Rpot = 10k, Wiper to V
+
±500
±900
±500
±900
µV
Minimum Supply Voltage
(Note 5)
2.2
2.3
2.2
2.3
V
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C unless noted.
ELECTRICAL CHARACTERISTICS
The ● denotes the specifications which apply over the temperature range of –55°C ≤ TA ≤ 125°C for AM/M grades,
–40°C ≤ TA ≤ 85°C for AI/I grades. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com