Electronic Components Datasheet Search
  English  ▼

X  

R2A20133ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20133ASP
Description  Critical Conduction Mode PFC Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20133ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R03DS0049EJ0300 Rev.3.00
Page 1 of 13
Nov 27, 2012
Preliminary Datasheet
R2A20133ASP
Critical Conduction Mode PFC Control IC
Description
The R2A20133A controls a boost converter to provide an active power factor correction.
The R2A20133A adopts critical conduction mode for power factor correction and realizes high efficiency and a low
switching noise by zero current switching.
Because the zero current is detected by using the GND current, the ZCD Auxiliary winding is unnecessary.
The feedback loop open detection, two mode overvoltage protection, overcurrent protection are built in the R2A20133A,
and can constitute a power supply system of high reliability with few external parts.
Features
 Absolute Maximum Ratings
 Supply voltage Vcc: 24 V
 Operating junction temperature Tjopr: –40 to +150°C
 Electrical characteristics
 UVLO operation start voltage VH: 12 V  0.8 V
 UVLO operation shutdown voltage VL: 9.2 V  0.7 V
 UVLO hysteresis voltage Hysuvl: 2.8 V  0.7 V
 Functions
 Boost converter control with critical conduction mode
 Two mode overvoltage protection and OVP2
Mode 1: Dynamic OVP corresponding to a voltage rise by load change
Mode 2: Static OVP corresponding to overvoltage in stable.
OVP2: OVP2 sense the PFC output voltage by independenced pin.
 Feedback loop open detection
 Overcurrent protection
 Dynamic UVP corresponding to a voltage fall by load change
 Off Time Control function (Frequency Limiter)
 Package lineup: Pb-free SOP-8 (JEDEC)
Ordering Information
Part No.
Package Name
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
R2A20133ASP#W5
—
PRSP0008DJ-A
SP
W (2,500 pcs/reel)
R03DS0049EJ0300
Rev.3.00
Nov 27, 2012


Similar Part No. - R2A20133ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
More results

Similar Description - R2A20133ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com