Electronic Components Datasheet Search
  English  ▼

X  

R2A20133ASP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R2A20133ASP
Description  Critical Conduction Mode PFC Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133ASP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R2A20133ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 10Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 11Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 12Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 13Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
R2A20133ASP
Preliminary
R03DS0049EJ0300 Rev.3.00
Page 12 of 13
Nov 27, 2012
System Diagram
PFC OUT
(390V dc)
To
Q1 gate
1
μ
AUX
0.022
μ
0.047
μ
200k
200k
100
GND
L1
220
μ
(450V)
D1
+
6M
VRB1
6M
VRB2
CS
5
RT
2
VCC
8
OUT
7
GND
6
FB
1
COMP
3
OVP2
4
R2A20133A
1.0
μ
From OUT
Q1
0.05
(5W)
1000p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com