Electronic Components Datasheet Search
  English  ▼

X  

LT1192 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1192
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1192 Datasheet HTML 4Page - Linear Technology LT1192 Datasheet HTML 5Page - Linear Technology LT1192 Datasheet HTML 6Page - Linear Technology LT1192 Datasheet HTML 7Page - Linear Technology LT1192 Datasheet HTML 8Page - Linear Technology LT1192 Datasheet HTML 9Page - Linear Technology LT1192 Datasheet HTML 10Page - Linear Technology LT1192 Datasheet HTML 11Page - Linear Technology LT1192 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1192
Closed-Loop Voltage Gain vs Frequency
Small-Signal Transient Response
Output Shutdown
FREQUENCY (Hz)
24
1G
LT1192 • TA10
100M
10M
1M
100k
AV = 10
AV = 5
22
20
18
16
14
12
10
APPLICATIO S I FOR ATIO
LT1192 • TA08
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 10, RL = 1k
LT1192 • TA09
AV = 10, SMALL-SIGNAL RISE TIME, WITH FET PROBES
VOUT
–5V
0V
VSHDN
The ability to maintain shutoff is shown on the curve
Shutdown Supply Current vs Temperature in the Typical
Performance Characteristics section. At very high
elevated temperatures it is important to hold the SHDN pin
close to the negative supply to keep the supply current
from increasing.
Operating with Low Closed-Loop Gains
When using decompensated amplifiers it should be real-
ized that peaking in the frequency domain, and overshoot
and ringing in the time domain occur as closed-loop gain
is lowered. The LT1192 is stable to a closed-loop gain of
5, however, peaking and ringing can be minimized by
increasing the closed-loop gain. For instance, the LT1192
peaks 5dB when used in a gain of 5, but peaks by less than
0.5dB for a closed-loop gain of 10. Likewise, the overshoot
drops from 50% to 4% for gains of 10.
Murphy Circuits
There are several precautions the user should take when
using the LT1192 in order to realize its full capability.
Although the LT1192 can drive a 50pF load, isolating the
capacitance with 20
Ω can be helpful. Precautions prima-
rily have to do with driving large capacitive loads.
Other precautions include:
1. Use a ground plane (see Design Note 50, High Fre-
quency Amplifier Evaluation Board).
2. Do not use high source impedances. The input capaci-
tance of 2pF, and RS = 10k for instance, will give an
8MHz – 3dB bandwidth.
3. PC board socket may reduce stability.
4. A feedback resistor of 1k or lower reduces the effects of
stray capacitance at the inverting input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com