Electronic Components Datasheet Search
  English  ▼

X  

LT1192 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1192
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192 Datasheet(HTML) 5 Page - Linear Technology

  LT1192 Datasheet HTML 1Page - Linear Technology LT1192 Datasheet HTML 2Page - Linear Technology LT1192 Datasheet HTML 3Page - Linear Technology LT1192 Datasheet HTML 4Page - Linear Technology LT1192 Datasheet HTML 5Page - Linear Technology LT1192 Datasheet HTML 6Page - Linear Technology LT1192 Datasheet HTML 7Page - Linear Technology LT1192 Datasheet HTML 8Page - Linear Technology LT1192 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1192
TEMPERATURE (
°C)
–50
1.0
1.5
2.5
3.0
4.0
4.5
5.0
0
25
75
125
LT1192 • TPC07
3.5
2.0
–25
50
100
VS = ±5V
VSHDN = –VEE + 0.2V
VSHDN = –VEE + 0.4V
VSHDN = –VEE
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1192 • TPC03
8
2
–4
–8
26
+V COMMON MODE
–V COMMON MODE
–55
°C
25
°C
–55
°C
25
°C
125
°C
125 C
°
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1192 • TPC02
–25
50
100
+IB
–IB
VS = ±5V
IOS
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1192 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
FREQUENCY (Hz)
50
100
150
250
300
10
1k
10k
100k
LT1192 • TPC04
0
100
200
VS = ±5V
TA = 25°C
RS = 0Ω
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1192 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
0
10
20
30
40
246
10
LT1192 • TPC06
8
–55
°C
125
°C
25
°C
LOAD RESISTANCE (
Ω)
10
0
50k
100k
150k
200k
100
1000
LT1192 • TPC09
VS = ±5V
VO = ±3V
TA = 25°C
0
50k
100k
150k
200k
TEMPERATURE (
°C)
–50
0
50
100
125
LT1192 • TPC08
–25
25
75
RL = 1k
RL = 100Ω
VS = ±5V
VO = ±3V
Input Bias Current
vs Common Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Supply Current vs Supply Voltage
Equivalent Input Noise Current
vs Frequency
Shutdown Supply Current
vs Temperature
Open-Loop Voltage Gain
vs Temperature
Open-Loop Voltage Gain
vs Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com