Electronic Components Datasheet Search
  English  ▼

X  

KRC646T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC646T
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC646T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC646T Datasheet HTML 1Page - KEC(Korea Electronics) KRC646T Datasheet HTML 2Page - KEC(Korea Electronics) KRC646T Datasheet HTML 3Page - KEC(Korea Electronics) KRC646T Datasheet HTML 4Page - KEC(Korea Electronics) KRC646T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2002. 7. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
KRC641T~KRC646T
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
HIGH CURRENT SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Output Current : 800mA.
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
+_
+_
+_
+_
+_
1. Q IN (BASE)
2. Q , Q COMMON (EMITTER)
3. Q IN (BASE)
4. Q OUT (COLLECTOR)
5. Q OUT (COLLECTOR)
1
1
1
2
2
2
MAXIMUM RATING (Ta=25
)
TYPE NO.
R1 (k
)
R2 (k
)
KRC641T
1
1
KRC642T
2.2
2.2
KRC643T
4.7
4.7
KRC644T
10
10
KRC645T
1
10
KRC646T
2.2
10
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRC641T~646T
VO
50
V
Input Voltage
KRC641T
VI
10, -10
V
KRC642T
12, -10
KRC643T
20, -10
KRC644T
30, -10
KRC645T
10, -5
KRC646T
12, -6
Output Current
KRC641T~646T
IO
800
mA
Power Dissipation
PD *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
TYPE
KRC641T
KRC642T
KRC643T
KRC644T
KRC645T
KRC646T
MARK
NA
NB
NC
ND
NE
NF
R1
R2
COMMON(+)
OUT
IN
EQUIVALENT CIRCUIT
* Package mounted on a ceramic board (600
0.8
)
MARK SPEC
Type Name
Marking
Lot No.
12
3
54
1
Q1
23
54
Q2
EQUIVALENT CIRCUIT (TOP VIEW)


Similar Part No. - KRC646T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KRC6300CP31 SCHNEIDER-KRC6300CP31 Datasheet
260Kb / 3P
Canalis KR Links feeder run component
KRC6300CP32 SCHNEIDER-KRC6300CP32 Datasheet
255Kb / 3P
Canalis KR Links feeder run component
KRC6300CP41 SCHNEIDER-KRC6300CP41 Datasheet
264Kb / 4P
Canalis KR Links feeder run component
KRC6300CP42 SCHNEIDER-KRC6300CP42 Datasheet
259Kb / 4P
Canalis KR Links feeder run component
KRC6300CP51 SCHNEIDER-KRC6300CP51 Datasheet
264Kb / 4P
Canalis KR Links feeder run component
More results

Similar Description - KRC646T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC241M KEC-KRC241M Datasheet
727Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC241S KEC-KRC241S Datasheet
748Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC657U KEC-KRC657U Datasheet
89Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC666E KEC-KRC666E Datasheet
69Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC841T KEC-KRC841T Datasheet
69Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com