Electronic Components Datasheet Search
  English  ▼

X  

KRC646T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC646T
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC646T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC646T Datasheet HTML 1Page - KEC(Korea Electronics) KRC646T Datasheet HTML 2Page - KEC(Korea Electronics) KRC646T Datasheet HTML 3Page - KEC(Korea Electronics) KRC646T Datasheet HTML 4Page - KEC(Korea Electronics) KRC646T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2002. 7. 10
2/5
KRC641T~KRC646T
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC641T~646T
IO(OFF)
VO=30V, VI=0
-
-
10
A
DC Current Gain
KRC641T
GI
VO=5V, IO=50mA
33
-
-
KRC642T
39
-
-
KRC643T
47
-
-
KRC644T
56
-
-
KRC645T
56
-
-
KRC646T
56
-
-
Output Voltage
KRC641T~646T
VO(ON)
IO=50mA, II=2.5mA
-
0.1
0.3
V
Input Voltage (ON)
KRC641T
VI(ON)
VO=0.3V, IO=20mA
-
-
3.0
V
KRC642T
-
-
3.0
KRC643T
-
-
3.0
KRC644T
-
-
3.0
KRC645T
-
-
3.0
KRC646T
-
-
2.0
Input Voltage (OFF)
KRC641T~644T
VI(OFF)
VO=5V, IO=0.1mA
0.5
-
-
V
KRC645T~646T
0.3
-
-
Transition Frequency
KRC641T~646T
fT *
VO=10V, IO=5mA,
f=100MHz
-
200
-
MHz
Input Current
KRC641T
II
VI=5V
-
-
7.2
mA
KRC642T
-
-
3.8
KRC643T
-
-
1.8
KRC644T
-
-
0.88
KRC645T
-
-
7.2
KRC646T
-
-
3.6
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : * Characteristic of Transistor Only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com