Electronic Components Datasheet Search
  English  ▼

X  

LT1614 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1614
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1614 Datasheet HTML 8Page - Linear Technology LT1614 Datasheet HTML 9Page - Linear Technology LT1614 Datasheet HTML 10Page - Linear Technology LT1614 Datasheet HTML 11Page - Linear Technology LT1614 Datasheet HTML 12Page - Linear Technology LT1614 Datasheet HTML 13Page - Linear Technology LT1614 Datasheet HTML 14Page - Linear Technology LT1614 Datasheet HTML 15Page - Linear Technology LT1614 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1614
3.3V to – 3.1V/200mA DC/DC Converter
VIN
SW
LT1614
L1
22
µH
VIN
3.3V
D1
FB
SHDN
18.7k
12.7k
100k
1nF
VOUT
– 3.1V
200mA
C1: AVX1206CY106
D1: MBR0520
L1, L2: MURATA LQH3C220
1614 TA03
22
µF
22
µF
VC
GND
L2
22
µH
C1
1
µF
+
3.3V to – 3.1V Converter Efficiency
LOAD CURRENT (mA)
310
30
20
60
70
80
100
300
1614 TA04
50
40
30
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com