Electronic Components Datasheet Search
  English  ▼

X  

LT1614 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1614
Description  Inverting 600kHz Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614 Datasheet(HTML) 3 Page - Linear Technology

  LT1614 Datasheet HTML 1Page - Linear Technology LT1614 Datasheet HTML 2Page - Linear Technology LT1614 Datasheet HTML 3Page - Linear Technology LT1614 Datasheet HTML 4Page - Linear Technology LT1614 Datasheet HTML 5Page - Linear Technology LT1614 Datasheet HTML 6Page - Linear Technology LT1614 Datasheet HTML 7Page - Linear Technology LT1614 Datasheet HTML 8Page - Linear Technology LT1614 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1614
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch VCESAT
ISW = 500mA (25°C, 0°C)
295
350
mV
ISW = 500mA (70°C)
400
mV
Shutdown Pin Current
VSHDN = VIN
10
20
µA
VSHDN = 0V
– 5
– 10
µA
LBI Threshold Voltage
190
200
210
mV
q
185
215
mV
LBO Output Low
ISINK = 10µA
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
0.01
0.1
µA
LBI Input Bias Current (Note 5)
VLBI = 150mV
10
50
nA
Low-Battery Detector Gain
1M
Ω Load
1000
V/V
Switch Leakage Current
VSW = 5V
0.01
3
µA
ELECTRICAL C
C
HARA TERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1614C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and 85°C. The
LT1614I is guaranteed to meet the extended temperature limits.
Industrial Grade – 40
°C to 85°C. VIN = 1.5V, VSHDN = VIN unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
12
mA
VSHDN = 0V
5
10
µA
Feedback Voltage
q
– 1.21
– 1.24
– 1.27
V
NFB Pin Bias Current (Note 3)
VNFB = – 1.24V
q
– 2
– 4.5
– 7.5
µA
Reference Line Regulation
1V
≤ VIN ≤ 2V
0.6
1.1
%/V
2V
≤ VIN ≤ 6V
0.3
0.8
%/V
Minimum Input Voltage
– 40
°C
1.1
1.25
V
85
°C
0.8
1.0
V
Maximum Input Voltage
q
6V
Error Amp Transconductance
∆I = 5µA16
µmhos
Error Amp Voltage Gain
100
V/V
Switching Frequency
q
500
600
750
kHz
Maximum Duty Cycle
q
70
80
%
Switch Current Limit (Note 4)
0.75
1.2
A
Switch VCESAT
ISW = 500mA (– 40°C)
250
350
mV
ISW = 500mA (85°C)
330
400
mV
Shutdown Pin Current
VSHDN = VIN
10
20
µA
VSHDN = 0V
– 5
– 10
µA
LBI Threshold Voltage
q
180
200
220
mV
LBO Output Low
ISINK = 10µA
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
0.1
0.3
µA
LBI Input Bias Current (Note 5)
VLBI = 150mV
5
30
nA
Low-Battery Detector Gain
1M
Ω Load
1000
V/V
Switch Leakage Current
VSW = 5V
0.01
3
µA
Note 3: Bias current flows out of NFB pin.
Note 4: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator.
Note 5: Bias current flows out of LBI pin.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Commercial Grade 0°C to 70°C. VIN = 1.5V, VSHDN = VIN unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com