Electronic Components Datasheet Search
  English  ▼

X  

EURO4 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # EURO4
Description  Isobar 4-Outlet 200-240V Surge Protector, 2M Cord,680 Joules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EURO4 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  EURO4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
3.5 x 7 x 2.5
Unit Dimensions (hwd / cm)
8.9 x 17.8 x 6.4
Material of Construction
Metal
Integrated Keyhole Mounting Tabs
Metal end caps are fitted with keyhole mounting tabs for wallmount installation
Housing Color
Light Gray
Receptacle Color
Black
Color (AC Line Cord)
Light Gray
Outlets Measurement (Center to
Center)
Distance between horizontal outlets = 53mm; Distance between vertical outlets = 38.10mm
Keyhole Slot Mounting
Measurement (Center to Center)
Distance between horizont tabs = 162.13mm; Distance between vertical tabs = 58.17mm
Metal Case
Yes
SPECIAL FEATURES
Right-Angle Plug
Yes
CERTIFICATIONS
Approvals
CE
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com