Electronic Components Datasheet Search
  English  ▼

X  

EURO4 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EURO4
Description  Isobar 4-Outlet 200-240V Surge Protector, 2M Cord,680 Joules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EURO4 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EURO4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isobar 4-Outlet 200-240V Surge Protector, 2M Cord,
680 Joules
MODEL NUMBER: EURO-4
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
suppressors to protect sensitive computer, networking and telecom equipment. With more than 18 million
satisfied customers, the Isobar remains the world's #1 selling premium surge suppressor. Loaded with a
generous combination of high quality components, near indestructible all-metal case and unique noise filtration
system, the isobar offers the highest level of protection attainable in a multi-outlet strip. Robust surge suppression circuits with sine-wave tracking offer extreme
levels of protection against the heaviest surge conditions exceeding IEEE 587 category A & B specifications. Isobar's unique protection system combines large
torroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors into exclusive isolated filter banks that remove
EMI/RFI interference, even noise generated by other pieces of connected equipment. EURO-4 offers 4 outlets arranged in two filter banks to prevent system
crashes, reboots and performance problems common as noisy system peripherals are powered off and on. Surge suppression rated at 680 joules offers
network-grade protection. Widely spaced IEC320-C13 outlets accommodate up to 2 large transformer plugs without blocking outlets. Detachable IEC-320 C14
inlet connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles. Two-meter C13 to C14 interconnection cable and
keyhole mounting tabs included. PLUG/OUTLETS: Input: IEC320 C14 inlet/Output: 4 IEC320 C13 outlets/2m C13 to C14 interconnection cable included
ELECTRICAL: 200-240V AC, 50/60Hz (Use at 120V supported) SUPPRESSION: AC: 300V RMS Clamping/680 joules FORMAT: Corded all-metal strip with
transformer spaced outlets
Features
Tripp Lite's ISOBAR is the world's #1 selling premium suppressor series with more than 18 million satisfied customers and a safety-tested history of 20+
years
Robust surge suppression with sine-wave tracking protects against the heaviest of surge conditions, exceeding IEEE category A&B specifications
Multi-component suppression circuits combine torroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors
into exclusive isolated filter banks that remove EMI/RFI interference, even noise from other pieces of connected equipment.
4 outlets arranged in two filter banks prevent system crashes, reboots and performance problems common as noisy peripherals are powered off and on.
Network grade surge suppression rated at 680 joules
Widely spaced outlets accommodate up to 2 large transformer plugs without blocking outlets
Lighted power switch confirms power on/off status
2m C13 to C14 interconnection cable included
Highlights
4 outlets/2 m cord
680 joule rating
All metal housing with LEDs
Isolated filter banks
Applications
Ideal for premium protection of
personal computers with
peripherals, network and
CAD/CAM/CAE workstations,
internetworking accessories,
telecommunications systems,
point of sale equipment,
audio/video and home theater
systems in any home, office or
industrial application.
Package Includes
EURO-4 premium surge
suppressor
Instruction manual with warranty
information
1 / 3


Similar Part No. - EURO4

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
EURO404 MCLENNAN-EURO404 Datasheet
521Kb / 2P
Euro404 / Euro408
EURO408 MCLENNAN-EURO408 Datasheet
521Kb / 2P
Euro404 / Euro408
More results

Similar Description - EURO4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOBAR6ULTRA ETC2-ISOBAR6ULTRA Datasheet
500Kb / 5P
6-Outlet Isobar Surge Protector with 6-ft Cord and All-Metal Housing
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
EURO-4 TRIPPLITE-EURO-4 Datasheet
165Kb / 4P
Isobar 4-Outlet 230V Surge Protector, Detachable 6 ft. (1.8 m) Cord, 680 Joules, Metal Housing
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOBAR12ULTRA TRIPPLITE-ISOBAR12ULTRA Datasheet
163Kb / 4P
Isobar 12-Outlet Surge Protector, 15 ft. (4.57 m) Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount
ISOBAR4ULTRA TRIPPLITE-ISOBAR4ULTRA Datasheet
180Kb / 4P
Isobar 4-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
ISOBAR6ULTRA TRIPPLITE-ISOBAR6ULTRA Datasheet
179Kb / 4P
Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com