Electronic Components Datasheet Search
  English  ▼

X  

AN417 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics AN417 Datasheet HTML 10Page - STMicroelectronics AN417 Datasheet HTML 11Page - STMicroelectronics AN417 Datasheet HTML 12Page - STMicroelectronics AN417 Datasheet HTML 13Page - STMicroelectronics AN417 Datasheet HTML 14Page - STMicroelectronics AN417 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN417
Test results
Doc ID 2074 Rev 2
11/21
5
Test results
Figure 7 and Figure 8 show curves of a NiCd battery charge respectively terminated by
-[
Δ V] and inflexion point methods. A similar comparison is made with a NiMH battery in
Figure 9 and Figure 10. The charging current is 2.2 A, the NiCd battery was a 1.4 Ah type
and the NiMH battery a 2.2 Ah type. These measurement results clearly show that the
battery temperature increase is much smaller with the inflexion method than with the
conventional -[
Δ V] method. Moreover, these curves demonstrate that a one hour charge of
NiMH batteries can be properly monitored by the ST6210 MCU.
Figure 7.
Charge of a 1.4 Ah NiCd battery with the -[
Δ V] method: charging current 2.2 A, total
time 48 mn, temperature increase 9.6°C.
charging time
cell voltage
temperature
voltage
temperature
22.4 deg
32 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com