Electronic Components Datasheet Search
  English  ▼

X  

AN417 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN417 Datasheet HTML 11Page - STMicroelectronics AN417 Datasheet HTML 12Page - STMicroelectronics AN417 Datasheet HTML 13Page - STMicroelectronics AN417 Datasheet HTML 14Page - STMicroelectronics AN417 Datasheet HTML 15Page - STMicroelectronics AN417 Datasheet HTML 16Page - STMicroelectronics AN417 Datasheet HTML 17Page - STMicroelectronics AN417 Datasheet HTML 18Page - STMicroelectronics AN417 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AN417
Charger schematic examples
Doc ID 2074 Rev 2
15/21
6.2
Battery charger examples
6.2.1
Offline charger
Figure 13 gives an example of an offline 35 watt battery charger working at 100 kHz. This
SMPS can deliver up to 3.5 amps DC to a 6 cell battery. Typical charging time of a 1.4 Ah
7.2v NiCd battery pack is around 30 minutes. This offline charger is an asymmetrical half
bridge totally controlled from the primary side with a standard PWM control IC, the UC3845,
regulating in current mode (see References [3.]).
The asymmetrical half bridge structure allows the use of two standard 500V power
MOSFETS IRF820 without snubber network, as voltage across each power MOSFET is
systematically clamped to the input DC voltage by two demagnetization diodes
(BYT01/400). The MCU controls the SMPS section through a single optocoupler, either in
battery charge mode or in trickle mode.
Note that the high side power MOSFET is simply driven by an auxiliary winding of the power
transformer, avoiding the use of an additional pulse transformer.
The switching frequency is set at 100 kHz in order to keep the magnetic parts to a
reasonable manufacturing cost level (see References [2.]. The power transformer and the
output inductor can be integrated on a single ferrite core to allow a significant shrinking of
the power converter size. This integrated magnetic technique has been used in a 80 watts /
15 minutes charger (see References [2.]).
By a simple resizing of the discrete power devices ratings, and by applying the [-
Δ V]
termination method, the same off-line converter hardware has been used to charge a typical
7V2/1.2 Ah NiCd pack of cordless drill in less than 15 minutes (see References [1.] [2.]).
6.2.2
DC/DC charger
Figure 14 shows a 15 watt 100 kHz battery charger supplied from a 12 Vdc input voltage.
The DC input voltage can be supplied from a car battery, or from a 50/60 Hz transformer
rectified voltage. This DC/DC charger is controlled by the PWM control circuit UC3843.
For example, such a 15 watt converter is able to deliver 1.5 amp DC, charging five 1500
mAh NiMH cells in approximately 1 hour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com