Electronic Components Datasheet Search
  English  ▼

X  

AN432 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN432
Description  All members of the ST62 Series of Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN432 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN432 Datasheet HTML 4Page - STMicroelectronics AN432 Datasheet HTML 5Page - STMicroelectronics AN432 Datasheet HTML 6Page - STMicroelectronics AN432 Datasheet HTML 7Page - STMicroelectronics AN432 Datasheet HTML 8Page - STMicroelectronics AN432 Datasheet HTML 9Page - STMicroelectronics AN432 Datasheet HTML 10Page - STMicroelectronics AN432 Datasheet HTML 11Page - STMicroelectronics AN432 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
USING ST62xx I/O PORTS SAFELY
Table 3. Example of a SET sequence with RAM buffer for DR
Such a sequence is only required for DR address when some bits are set to input. No restric-
tions apply for operating on OR or DDR.
It is recommended that the OR should be used primarily for switching of pin input operating
modes. This register switches the port bits from input without pull-up to analog input, or
switches from input mode with pull-up to interrupt input with pull-up. Transition diagrams
showing the optimum coding sequence for modifying the states are shown in the following fig-
ures.
DRA
.def 00ch, 0ffh, 0ffh ; DR of IOP3
DRBUFF
.def 090h, 0ffh, 0ffh ; buffer for IOP3 DR
...
SET 2, DRBUFF
LD A, DRBUFF
LD DRA, A
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com