Electronic Components Datasheet Search
  English  ▼

X  

AN432 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN432
Description  All members of the ST62 Series of Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN432 Datasheet(HTML) 4 Page - STMicroelectronics

  AN432 Datasheet HTML 1Page - STMicroelectronics AN432 Datasheet HTML 2Page - STMicroelectronics AN432 Datasheet HTML 3Page - STMicroelectronics AN432 Datasheet HTML 4Page - STMicroelectronics AN432 Datasheet HTML 5Page - STMicroelectronics AN432 Datasheet HTML 6Page - STMicroelectronics AN432 Datasheet HTML 7Page - STMicroelectronics AN432 Datasheet HTML 8Page - STMicroelectronics AN432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
USING ST62xx I/O PORTS SAFELY
If the DDR bit corresponding to the I/O pin contains a “0", the port pin is set to input. Subse-
quent read accesses to DR will return the state of the I/O pin. This means that the DR bit is ef-
fectively Read Only when the bit is in Output mode. To read the content of any DR bit set to
input mode a copy of the DR content previously written must be saved in Data RAM.
Writing to the DR bit is possible in both input and output modes. It is important to note this as
in input mode, DR is used to set the input pin characteristics (table 1). Due to the flexibility of
programming each I/O bit individually, some pins of a port may be configured to input mode
and others to output mode. Reading the DR will return some DR bit contents (from pins in
output mode) and some I/O pin states (from pins in input mode) combined in the one byte. As
will be shown in a following section this can create serious system malfunctions if care is not
taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com