Electronic Components Datasheet Search
  English  ▼

X  

AN863 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 7Page - STMicroelectronics AN863 Datasheet HTML 8Page - STMicroelectronics AN863 Datasheet HTML 9Page - STMicroelectronics AN863 Datasheet HTML 10Page - STMicroelectronics AN863 Datasheet HTML 11Page - STMicroelectronics AN863 Datasheet HTML 12Page - STMicroelectronics AN863 Datasheet HTML 13Page - STMicroelectronics AN863 Datasheet HTML 14Page - STMicroelectronics AN863 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
If we note with index (n) the variables related to the nth mains cycle, the complete PI
(proportional-integral) algorithm can be expressed by:
i_err(n) = it0(n-1) + table(td(n-1))
- icalc0
sum(n)
= sum(n-1) + KI * i_err(n)
td(n)
= VITMIN - [ sum(n) + KP * i_err(n) ]
table(td(n-1)) is the current compensation coefficient extracted from the table, and as-
sociated to the corresponding value of the firing delay td, td(n-1).
sum(n) is the integral term, and KP * i_err(n) the proportional term. VITMIN is a con-
stant equal to the maximum firing delay (150 x 48
μS = 7.2 mS in the example).
This is expressed in the program by:
i_err
<- it0 + table(td) - icalc0
sum
<- sum_old + KI * i_err
temp1
<- sum + KP * i_err
td
<- VITMIN - temp1
sum_old <- sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22