Electronic Components Datasheet Search
  English  ▼

X  

AN863 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 12Page - STMicroelectronics AN863 Datasheet HTML 13Page - STMicroelectronics AN863 Datasheet HTML 14Page - STMicroelectronics AN863 Datasheet HTML 15Page - STMicroelectronics AN863 Datasheet HTML 16Page - STMicroelectronics AN863 Datasheet HTML 17Page - STMicroelectronics AN863 Datasheet HTML 18Page - STMicroelectronics AN863 Datasheet HTML 19Page - STMicroelectronics AN863 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
Figure 10. calculated current versus time at constant speed for various triac
firing delays (resistive and inductive model). Current at t0 is
constant, except at the largest firing delay td of 9 mS.
Figure 11. calculated current at mains zero crossing versus firing delay for
various speeds. For speeds larger than 600 rpm and firing delays
smaller than 7 mS, this current depends only upon speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22