Electronic Components Datasheet Search
  English  ▼

X  

LTC1287 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1287 Datasheet HTML 3Page - Linear Technology LTC1287 Datasheet HTML 4Page - Linear Technology LTC1287 Datasheet HTML 5Page - Linear Technology LTC1287 Datasheet HTML 6Page - Linear Technology LTC1287 Datasheet HTML 7Page - Linear Technology LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology LTC1287 Datasheet HTML 10Page - Linear Technology LTC1287 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1287
7
1287fa
TEST CIRCUITS
Voltage Waveforms for ten
S
APPLICATI
I FOR ATIO
The LTC1287 is a data acquisition component which
contains the following functional blocks:
1. 12-bit successive approximation capacitive A/D
converter
2. Analog multiplexer (MUX)
3. Sample-and-hold (S/H)
4. Synchronous, half-duplex serial interface
5. Control and timing logic
DIGITAL CONSIDERATIONS
Serial Interface
The LTC1287 communicates with microprocessors and
other external circuitry via a synchronous, half-duplex,
three-wire serial interface (see Operating Sequence). The
clock (CLK) synchronizes the data transfer with each bit
being transmitted on the falling CLK edge. The LTC1287
does not require a configuration input word and has no DIN
pin. It is permanently configured to have a single differen-
tial input and to operate in unipolar mode. A falling CS
initiates data transfer. The first CLK pulse enables DOUT.
After one null bit, the A/D conversion result is output on the
DOUT line with a MSB-first sequence followed by a LSB-
first sequence. With the half duplex serial interface the
DOUT data is from the current conversion. This provides
easy interface to MSB- or LSB-first serial ports. Bringing
CS high resets the LTC1287 for the next data exchange.
Logic Levels
The logic level standards for this supply range have not
been well defined. What standards that do exist are not
universally accepted. The trip point on the logic inputs of
the LTC1287 is 0.28
× VCC. This makes the logic inputs
compatible with HC-type levels and processors that are
DOUT
0.6V
ten
B11
CS
CLK
LTC1287 TC07
CLK
tCYC
CS
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
tCONV
DOUT
Hi-Z
tSMPL
tSMPL
LTC1287 F01
Figure 1. LTC1287 Operating Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com