Electronic Components Datasheet Search
  English  ▼

X  

LTC1287 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 5 Page - Linear Technology

  LTC1287 Datasheet HTML 1Page - Linear Technology LTC1287 Datasheet HTML 2Page - Linear Technology LTC1287 Datasheet HTML 3Page - Linear Technology LTC1287 Datasheet HTML 4Page - Linear Technology LTC1287 Datasheet HTML 5Page - Linear Technology LTC1287 Datasheet HTML 6Page - Linear Technology LTC1287 Datasheet HTML 7Page - Linear Technology LTC1287 Datasheet HTML 8Page - Linear Technology LTC1287 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1287
5
1287fa
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
RSOURCE– (Ω)
100
0
300
400
500
1k
10k
100k
LTC G10
200
100
VCC = 3V
VREF = 2.5V
CLK = 500kHz
+IN
–IN
+VIN
RSOURCE–
RSOURCE+ (Ω)
100
1k
10k
LTC1287 G13
1
10
100
+
–
VIN
RSOURCE+
VREF = 2.5V
VCC = 3V
TA = 25°C
0V TO 2.5V INPUT STEP
Sample-and-Hold Acquisition
Time vs Source Resistance
AMBIENT TEMPERATURE (
°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
LTC1287 G14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Input Channel Leakage Current vs
Temperature
REFERENCE VOLTAGE (V)
0
0
0.2
0.3
0.4
0.5
0.6
0.7
0.5
1.0
1.5
2.0
LTC1287 G15
2.5
0.8
0.9
1.0
0.1
3.0
LTC1287 NOISE = 200
µVP-P
Noise Error vs Reference Voltage
Maximum Clock Rate vs Source
Resistance
Minimum Clock Rate for 0.1LSB
Error**
Maximum Filter Resistor vs Cycle
Time
*** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALUE AT WHICH A 0.1LSB
CHANGE IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER = 0Ω IS FIRST DETECTED.
* MAXIMUM CLK FREQUENCY REPRESENTS THE CLK FREQUENCY AT WHICH A 0.1LSB
SHIFT IN THE ERROR AT ANY CODE TRANSITION FROM ITS 500kHz VALUE IS FIRST DETECTED.
** AS THE CLK FREQUENCY IS DECREASED FROM 1MHz, MINIMUM CLK FREQUENCY
(
∆ERROR ≤ 0.1LSB) REPRESENTS THE FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY
CODE TRANSITION FROM ITS 500kHz VALUE IS FIRST DETECTED.
PI FU CTIO S
CYCLE TIME (
µs)
10
100
1k
10k
10
1000
10000
LTC1287 G12
1
100
+
–
VIN
CFILTER ≥1µF
RFILTER
AMBIENT TEMPERATURE (
°C)
–50
0.05
0.10
0.15
0.20
–25
025
50
LTC1287 G11
75
100
0.25
VCC = 3V
CS (Pin 1): Chip Select Input. A logic low on this input
enables the LTC1287.
+IN, –IN (Pin 2,3): Analog Inputs. These inputs must be
free of noise with respect to GND.
GND (Pin 4): Analog Ground GND should be tied directly
to an analog ground plane.
VREF (Pin 5): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to GND.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the serial
data transfer.
VCC (Pin 8): Positive Supply. This supply must be kept free
of noise and ripple by bypassing directly to the analog
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com