Electronic Components Datasheet Search
  English  ▼

X  

LTC1387 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1387
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387 Datasheet(HTML) 1 Page - Linear Technology

  LTC1387 Datasheet HTML 1Page - Linear Technology LTC1387 Datasheet HTML 2Page - Linear Technology LTC1387 Datasheet HTML 3Page - Linear Technology LTC1387 Datasheet HTML 4Page - Linear Technology LTC1387 Datasheet HTML 5Page - Linear Technology LTC1387 Datasheet HTML 6Page - Linear Technology LTC1387 Datasheet HTML 7Page - Linear Technology LTC1387 Datasheet HTML 8Page - Linear Technology LTC1387 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1387
Single 5V RS232/RS485
Multiprotocol Transceiver
S
FEATURE
The LTC
®1387 is a low power reconfigurable CMOS bidi-
rectional transceiver. It can be configured as an RS485
differential port or as two RS232 single-ended ports. An
onboard charge pump uses four 0.1
µF capacitors to
generate boosted positive and negative supplies, allowing
the RS232 drivers to meet
±5V output swing require-
ments with only a single 5V supply. A shutdown mode
reduces the ICC supply current to 5µA.
The RS232 transceivers are in full compliance with RS232
specification. The RS485 transceiver is in full compliance
with RS485 and RS422 specifications. The RS485 re-
ceiver assumes a known output state when the inputs are
floating or shorted to ground. All interface drivers feature
short-circuit and thermal shutdown protection. An enable
pin allows RS485 driver outputs to be forced into high
impedance which is maintained even when the outputs are
forced beyond supply rails or the power is off. A loop back
mode allows the driver outputs to be connected back to the
receiver inputs for diagnostic self-test.
The LTC1387 is available in 20-pin plastic SSOP and SW
packages.
DESCRIPTIO
s
Two RS232 Transceivers or One RS485 Transceiver
s
Operates from a Single 5V Supply
s
Guaranteed Receiver Output with Inputs
Floating or Shorted to Ground
s
Logic Selectable Fast/Slow RS485 Driver Slew Rate
s
Low Supply Current: 7mA Typical
s
5
µA Supply Current in Shutdown
s
Self-Testing Capability in Loopback Mode
s
Separate Driver and Receiver Enable Controls
s
Driver Maintains High Impedance in Three-State,
Shutdown or with Power Off
s
Receiver Inputs Can Withstand
±25V
s
Point-of-Sale Terminals
s
Software Selectable Multiprotocol Interface Ports
s
Low Power RS485/RS422/RS232/EIA562 Interface
s
Cable Repeaters
s
Level Translators
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
9
DR ENABLE
14
SLEW
8
5V
13
5V
12
5V
18
3
18
3
19
20
VCC1
5V
120
Ω
4
LTC1387
LTC1387 • TA01
RECOUT
RS485 INTERFACE
5
6
7
10
17
DR IN
15
11
4
9
LTC1387
RECOUT
15
DR ENABLE
DR IN
5
6
7
8
13
10
17
SLEW
14
5V
12
11
120
Ω
4000-FT 24-GAUGE TWISTED PAIR
5V
5V
ALL CAPACITORS: 0.1
µF MONOLITHIC CERAMIC TYPE
1
2
2
1
20
19
VCC2
5V


Similar Part No. - LTC1387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
236Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with
logo
Analog Devices
LTC1387 AD-LTC1387 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
logo
Linear Technology
LTC1387C LINER-LTC1387C Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387CG LINER-LTC1387CG Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com