Electronic Components Datasheet Search
  English  ▼

X  

LTC1387 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1387
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387 Datasheet(HTML) 4 Page - Linear Technology

  LTC1387 Datasheet HTML 1Page - Linear Technology LTC1387 Datasheet HTML 2Page - Linear Technology LTC1387 Datasheet HTML 3Page - Linear Technology LTC1387 Datasheet HTML 4Page - Linear Technology LTC1387 Datasheet HTML 5Page - Linear Technology LTC1387 Datasheet HTML 6Page - Linear Technology LTC1387 Datasheet HTML 7Page - Linear Technology LTC1387 Datasheet HTML 8Page - Linear Technology LTC1387 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1387
AC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF (Notes 2, 3), unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given at VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF
and TA = 25°C.
Note 4: Short-circuit current for RS485 driver output low state folds back
above VCC. Peak current occurs around VO = 3V.
Note 5: SLEW includes an internal pull-up in RS485 mode.
PIN FUNCTIONS
C1+ (Pin 1): Commutating Capacitor C1 Positive Terminal.
Requires an external 0.1
µF capacitor between Pins 1 and 2.
C1– (Pin 2): Commutating Capacitor C1 Negative Terminal.
VDD (Pin 3): Charge Pump Positive Supply Output.
Requires an external 0.1
µF capacitor to ground.
A (Pin 4): Receiver Input A. Inverting input of RS232
receiver A in RS232 mode; inverting RS485 receiver input
in RS485 mode.
B (Pin 5): Receiver Input B. Inverting input of RS232
receiver B in RS232 mode; noninverting RS485 receiver
input in RS485 mode.
Y (Pin 6): Driver Output Y. Inverting RS232 driver Y output
in RS232 mode; inverting RS485 driver output in RS485
mode.
Z (Pin 7): Driver Output Z. Inverting RS232 driver Z output
in RS232 mode; noninverting RS485 driver output in
RS485 mode.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS485 Mode (Fast Slew Rate, ON = DXEN = High, 485/232 = High, SLEW = High)
tZL
Driver Enable to Output Low
Figures 3, 8, CL = 100pF, S1 Closed
q
50
90
ns
tZH
Driver Enable to Output High
Figures 3, 8, CL = 100pF, S2 Closed
q
50
90
ns
tLZ
Driver Disable from Low
Figures 3, 8, CL = 15pF, S1 Closed
q
50
90
ns
tHZ
Driver Disable from High
Figures 3, 8, CL = 15pF, S2 Closed
q
60
90
ns
RS485 Mode (Slow Slew Rate, ON = DXEN = High, 485/232 = High, SLEW = Low)
tPLH
Driver Input to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
100
700
1500
ns
tPHL
Driver Input to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
100
700
1500
ns
tSKEW
Driver Output to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
200
750
ns
tr, tf
Driver Rise or Fall Time
Figures 2, 7, RL = 54Ω, CL = 100pF
q
150
300
1500
ns
tZL
Driver Enable to Output Low
Figures 3, 8, CL = 100pF, S1 Closed
q
600
1500
ns
tZH
Driver Enable to Output High
Figures 3, 8, CL = 100pF, S2 Closed
q
600
1500
ns
tLZ
Driver Disable from Low
Figures 3, 8, CL = 15pF, S1 Closed
q
100
200
ns
tHZ
Driver Disable from High
Figures 3, 8, CL = 15pF, S2 Closed
q
100
200
ns
RS485 Mode (ON = RXEN = High, 485/232 = High)
tPLH
Receiver Input to Output
Figures 2, 9, RL = 54Ω, CL = 100pF
q
20
70
140
ns
tPHL
Receiver Input to Output
Figures 2, 9, RL = 54Ω, CL = 100pF
q
20
70
140
ns
tSKEW
Differential Receiver Skew,
tPLH – tPHL
Figures 2, 9, RL = 54Ω, CL = 100pF
10
ns
Receiver Output Enable/Disable (ON = High)
tZL
Receiver Enable to Output Low
Figures 6, 12, CL = 15pF, S1 Closed
q
40
90
ns
tZH
Receiver Enable to Output High
Figures 6, 12, CL = 15pF, S2 Closed
q
40
90
ns
tLZ
Receiver Disable from Low
Figures 6, 12, CL = 15pF, S1 Closed
q
40
90
ns
tHZ
Receiver Disable from High
Figures 6, 12, CL = 15pF, S2 Closed
q
40
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com