Electronic Components Datasheet Search
  English  ▼

X  

LTC1482 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 1 Page - Linear Technology

  LTC1482 Datasheet HTML 1Page - Linear Technology LTC1482 Datasheet HTML 2Page - Linear Technology LTC1482 Datasheet HTML 3Page - Linear Technology LTC1482 Datasheet HTML 4Page - Linear Technology LTC1482 Datasheet HTML 5Page - Linear Technology LTC1482 Datasheet HTML 6Page - Linear Technology LTC1482 Datasheet HTML 7Page - Linear Technology LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1482
Low Power RS485 Transceiver
with Carrier Detect and
Receiver Fail-Safe
s
No Damage or Latchup to
±15kV (Human Body
Model), IEC1000-4-2 Level 4 (
±8kV) Contact and
Level 3 (
±8kV) Air Discharge
s
Active Low Carrier Detect Output
s
Guaranteed High Receiver Output State for
Floating, Shorted or Terminated Inputs with
No Signal Present
s
Drives Low Cost Residential Telephone Wires
s
Low Power: ICC = 700µA Max with Driver Disabled
s
ICC = 900µA Max in Driver Mode Without Load
s
20
µA Max Quiescent Current in Shutdown Mode
s
Single 5V Supply
s
– 7V to 12V Common Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
s
Maximum Data Rate of 4Mbps
s
Power Up/Down Glitch-Free Driver Outputs
s
Up to 32 Transceivers on the Bus
s
Available in 8-Lead MSOP, PDIP and SO Packages
The LTC
®1482 is a low power RS485 compatible trans-
ceiver that offers an active low carrier detect output. The
open-drain carrier detect pin allows several transceivers
to share the same carrier detect line and can be used to
detect the insertion or removal of a driven RS485/RS422
cable.
Enhanced ESD protection allows the LTC1482 to with-
stand
±15kV (human body model), IEC-1000-4-2 level 4
(
±8kV) contact and level 3 (±8kV) air discharge ESD
without latchup or damage.
The LTC1482 receiver stays alive at all times except in
shutdown. The supply current is a maximum of 700
µA
and 900
µA when the driver is disabled and enabled
respectively. In shutdown, the quiescent current of the
LTC1482 drops to a maximum of 20
µA.
When the driver is disabled or the LTC1482 is in shut-
down, the driver outputs are three-stated and remain in
a high impedance state over the RS485 common mode
range.
Excessive power dissipation caused by bus contention or
faults is prevented by a thermal shutdown circuit, which
forces the driver outputs into a high impedance state.
The LTC1482 is fully specified over the commercial and
industrial temperature ranges and is available in 8-lead
MSOP, PDIP and SO packages.
s
Battery-Powered RS485/RS422 Applications
s
Low Power RS485/RS422 Transceiver
s
Level Translator
, LTC and LT are registered trademarks of Linear Technology Corporation.
RO1
CD1
DE1
DI1/SHDN1
R
VCC1
LTC1482
GND1
B1
A1
B2
A2
120
Ω
120
Ω
D
VCC2
GND2
1482 TA01
R
D
RO2
CD2
DE2
DI2/SHDN2
LTC1482
RS485 Interface
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Carrier Detect Output (2000 Foot STP Cable)
DE1
↑↓
Dl1 = VCC
1482 TA01a
DE2 = 0
Dl2 = VCC
1k PULL-UP AT CD
DE1
A2
B2
CD2


Similar Part No. - LTC1482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1482 LINER-LTC1482 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482C LINER-LTC1482C Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482CMS8 LINER-LTC1482CMS8 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482CN8 LINER-LTC1482CN8 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482CS8 LINER-LTC1482CS8 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
More results

Similar Description - LTC1482

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1482 LINER-LTC1482 Datasheet
262Kb / 16P
Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1690 LINER-LTC1690 Datasheet
221Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1690 LINER-LTC1690_15 Datasheet
193Kb / 12P
Differential Driver and Receiver Pair with Fail-Safe Receiver Output
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com