Electronic Components Datasheet Search
  English  ▼

X  

LTC1482 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1482 Datasheet HTML 2Page - Linear Technology LTC1482 Datasheet HTML 3Page - Linear Technology LTC1482 Datasheet HTML 4Page - Linear Technology LTC1482 Datasheet HTML 5Page - Linear Technology LTC1482 Datasheet HTML 6Page - Linear Technology LTC1482 Datasheet HTML 7Page - Linear Technology LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology LTC1482 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1482
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Output High Voltage vs
Temperature
Carrier Detect Output High
Voltage vs Temperature
Receiver and Carrier Detect
Output Low Voltage vs
Temperature
Receiver Propagation Delay vs
Temperature
Receiver Skew vs Temperature
Receiver Propagation Delay vs
Supply Voltage
Receiver Short-Circuit Current vs
Temperature
Supply Current vs Temperature
Logic Input Threshold vs
Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G14
4.00
3.95
3.90
3.85
3.80
3.75
3.70
3.65
3.60
3.55
3.50
VCC = 4.75V
IOUT = 10µA
VOH
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G15
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
VCC = 4.75V
IOUT = 8mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G16
200
180
160
140
120
100
80
60
40
20
0
VCC = 5V
tPLH
tPHL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G17
30
25
20
15
10
5
0
VCC = 5V
|tPLH – tPHL|
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1482 G18
150
140
130
120
110
100
TA = 25°C
tPLH
tPHL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G19
100
90
80
70
60
50
40
30
20
10
0
VCC = 5.25V
OUTPUT LOW
SHORT TO VCC
OUTPUT HIGH
SHORT TO GROUND
TEMPERATURE (
°C)
–55 –30 –5
20
45
70
95 120 145 170
1482 G20
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
DRIVER ENABLED
NO LOAD
THERMAL SHUTDOWN
WITH DRIVER
ENABLED
DRIVER DISABLED
TEMPERATURE (
°C)
–55
1482 G21
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
VCC = 5.25V
VCC = 4.75V
VCC = 5V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G13
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
VCC = 4.75V
I = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com