Electronic Components Datasheet Search
  English  ▼

X  

KTA1024 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTA1024
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1024 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTA1024 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007. 3. 28
3/3
KTA1024
Revision No : 2
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
SAFE OPERATING AREA
CE
-3
-10
-30
-100
-300
-1
-3
-5
-10
-30
-50
-100
-300
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSE)
C
I
MAX(CONTINUOUS)
C
100ms
500ms
DC
OPERATION
0.2
20
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
60
80
100
120
140
160
0
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com