Electronic Components Datasheet Search
  English  ▼

X  

KTA1024 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1024
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1024 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1024 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1024 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007. 3. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1024
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+
_
+
_
+
_
HIGH VOLTAGE APPLICATION.
FEATURES
High Voltage : VCEO=-150V.
Low Output Capacitance : Cob=5.0pF(Max.).
High Transition Frequency : fT=120MHz (Typ.).
Complementary to KTC3206.
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25°… )
Note : hFE Classification
O:70
140,
Y:120
240
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-150V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
A
DC Current Gain
hFE(Note)
VCE=-5V, IC=-10mA
70
-
240
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10mA, IB=-1mA
-
-
-0.8
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-30mA
-
-
-0.9
V
Transition Frequency
fT
VCE=-30V, IC=-10mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4.0
5.0
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-150
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-50
mA
Emitter Current
IE
50
mA
Base Current
IB
-5
mA
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


Similar Part No. - KTA1024

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024 Datasheet
20Kb / 1P
TO-92L PACKAGE
KTA1024 KEC-KTA1024 Datasheet
372Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA1024 KEC-KTA1024 Datasheet
372Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Jiangsu Changjiang Elec...
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024_05 Datasheet
20Kb / 1P
TO-92L PACKAGE
More results

Similar Description - KTA1024

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3631D KEC-KTC3631D Datasheet
403Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com