Electronic Components Datasheet Search
  English  ▼

X  

LTC1564 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1564 Datasheet HTML 4Page - Linear Technology LTC1564 Datasheet HTML 5Page - Linear Technology LTC1564 Datasheet HTML 6Page - Linear Technology LTC1564 Datasheet HTML 7Page - Linear Technology LTC1564 Datasheet HTML 8Page - Linear Technology LTC1564 Datasheet HTML 9Page - Linear Technology LTC1564 Datasheet HTML 10Page - Linear Technology LTC1564 Datasheet HTML 11Page - Linear Technology LTC1564 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1564
1564fa
TYPICAL APPLICATIO S
16-Bit Output, Sampling Rate to 500ksps, Analog Bandwidth to 150kHz, Gain to 24dB.
(For More Information, See
Linear Technology Magazine, May 2001)
2-Chip Flexible DSP Front End with Amplification,
Antialias Filtering and A/D Conversion
Boosting a 100mVRMS Input Signal to Nearly Fill the Input Range of the LTC1608 ADC. Input Frequency of 40kHz,
LTC1608 fSAMPLE = 204.8ksps, LTC1564 is Set for fC = 50kHz and Gain of 16 (F = 0101, G = 1111). Measured THD
is 86dB, HD2 = – 88dB, SNR = 85dB with 100mVRMS Input. Dynamic Range of Approximately 115dB
4096-Point FFT Spectrum
with Low Level Input
FREQUENCY (kHz)
0
–60
–40
0
76.8
1564 TA04
–80
–100
25.6
51.2
102.4
–120
–140
–20
2.2
µF
1
µF
1
µF
10
Ω
22
µF
4
6
DIFFERENTIAL
ANALOG INPUT
±2.5V
REFCOMP
CONTROL
LOGIC
AND
TIMING
B15 TO B0
16-BIT
SAMPLING
ADC
–
+
1
µF
5V OR
3V
µP
CONTROL
LINES
D15 TO D0
OUTPUT
BUFFERS
16-BIT
PARALLEL
BUS
11 TO 26
OGND
OVDD
28
1564 TA03
29
1
2
AIN
+
AIN
–
SHDN
CS
CONVST
RD
BUSY
33
32
31
30
27
7.5k
LTC1608
3
36
35
10
9
5V
5V
AVDD
AVDD
DVDD
DGND
VREF
8
AGND
AGND
7
AGND
5
AGND
34
–5V
VSS
1
µF
2.5V
REF
1
µF
1.75X
+
V+ EN V–
OUT
AGND
IN
16
CS/
HOLD RST
F
4
5 6 7 8
9 10 11 12
15
1
2
3
14
13
G
LTC1564
5V
–5V
0.1
µF
0.1
µF
249
Ω
1% METAL FILM
249
Ω
1% METAL FILM
C1*
FILTER CONTROL
ANTIALIAS FILTER/AMP
ADC
AV
fC
INPUT
+
–
*C1 IS A 1000pF NPO, SURFACE MOUNT DEVICE
PLACE AS CLOSE AS POSSIBLE TO THE LTC1608 INPUT PINS
AV
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com