Electronic Components Datasheet Search
  English  ▼

X  

LTC1564 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1564 Datasheet HTML 4Page - Linear Technology LTC1564 Datasheet HTML 5Page - Linear Technology LTC1564 Datasheet HTML 6Page - Linear Technology LTC1564 Datasheet HTML 7Page - Linear Technology LTC1564 Datasheet HTML 8Page - Linear Technology LTC1564 Datasheet HTML 9Page - Linear Technology LTC1564 Datasheet HTML 10Page - Linear Technology LTC1564 Datasheet HTML 11Page - Linear Technology LTC1564 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1564
1564fa
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0905 REV A • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
G Package
16-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
TYPICAL APPLICATIO S
IN AGND V+ RST G3
LTC1564
G2
G1
G0
OUT V–
123
4
5
6
7
1564 TA05
8
16
6
7
2
3
RSOURCE
≤10k
4
VSOURCE
VIN
15
14
13
12
11
GAIN CODE
FREQUENCY CODE
V+ SUPPLY FROM 2.7V TO 10.5V
TIE F AND G PINS TO V+ OR GROUND
TO SET FREQUENCY AND GAIN
0.1
µF
1
µF
V+
0.1
µF
V+
10
9
EN
CS/
HOLD F3
F2
F1
F0
VOUT
+
–
+
LT1677
Single Supply, Very Low Noise Input Buffer for High Impedance
Source Driving the Input of LTC1564
Single Supply Differential Output Driver
IN AGND V+ RST G3
LTC1564
G2
G1
G0
OUT V–
123
4
5
6
7
1564 TA06
8
2.49k
16
15
14
13
12
11
GAIN CODE
FREQUENCY CODE
V+ SUPPLY FROM 4.5V TO 10.5V
TIE F AND G PINS TO V+ OR GROUND
TO SET FREQUENCY AND GAIN.
OUTPUTS DRIVE 100
Ω/1000pF LOADS
0.1
µF
1
µF
VIN
V+
10
9
EN
CS/
HOLD F3
F2
F1
F0
2.49k
6
5
4
7
VOUT
–
2.49k
2.49k
1/2 LT1813
2
8
V+
3
1
0.1
µF
VOUT
+
2.49k
1/2 LT1813
PART NUMBER
DESCRIPTION
COMMENTS
LTC1560-1
1MHz/500kHz Continuous Time, Lowpass Elliptic Filter
fCUTTOFF = 500kHz or 1MHz
LTC1562/LTC1562-2
Universal 8th Order Active RC Filters
fCUTOFF(MAX) = 150kHz (LTC1562),
fCUTOFF(MAX) = 300kHz (LTC1562-2)
LTC1563-2/LTC1563-3 4th Order Active RC Lowpass Filters
fCUTOFF(MAX) = 256kHz
LTC1565-31
650kHz Continuous Time, Linear Phase Lowpass Filter
7th Order, Differential Inputs and Outputs
LTC1566-1
2.3MHz Continuous Time Lowpass Filter
7th Order, Differential Input and Outputs
LTC1569-6/LTC1569-7 Self Clocked, 10th Order Linear Phase Lowpass Filters
fCLK/fCUTOFF = 64/1, fCUTOFF(MAX) = 75kHz (LTC1569-6),
fCLK/fCUTOFF = 32/1, fCUTOFF(MAX) = 300kHz (LTC1569-7)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
7.40 – 8.20
(.291 – .323)
12 3
4
5
6 7 8
5.90 – 6.50*
(.232 – .256)
14 13 12 11 10 9
15
16
G16 SSOP 0204
2.0
(.079)
MAX
0.05
(.002)
MIN
0.65
(.0256)
BSC
0.22 – 0.38
(.009 – .015)
TYP
0.09 – 0.25
(.0035 – .010)
0
° – 8°
0.55 – 0.95
(.022 – .037)
5.00 – 5.60**
(.197 – .221)
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD
FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH.
INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010")
PER SIDE
*
**
3. DRAWING NOT TO SCALE
0.42
±0.03
0.65 BSC
5.3 – 5.7
7.8 – 8.2
RECOMMENDED SOLDER PAD LAYOUT
1.25
±0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com