Electronic Components Datasheet Search
  English  ▼

X  

LTC1605 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1605
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605 Datasheet(HTML) 4 Page - Linear Technology

  LTC1605 Datasheet HTML 1Page - Linear Technology LTC1605 Datasheet HTML 2Page - Linear Technology LTC1605 Datasheet HTML 3Page - Linear Technology LTC1605 Datasheet HTML 4Page - Linear Technology LTC1605 Datasheet HTML 5Page - Linear Technology LTC1605 Datasheet HTML 6Page - Linear Technology LTC1605 Datasheet HTML 7Page - Linear Technology LTC1605 Datasheet HTML 8Page - Linear Technology LTC1605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1605
1605fc
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Notes 9, 10)
4.75
5.25
V
IDD
Positive Supply Current
●
11
16
mA
PDIS
Power Dissipation
55
80
mW
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
●
0.10
0.4
V
IOZ
Hi-Z Output Leakage D15 to D0
VOUT = 0V to VDD, CS High
●
±10
µA
COZ
Hi-Z Output Capacitance D15 to D0
CS High (Note 9)
●
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
DIGITAL INPUTS AND DIGITAL OUTPUTS
LTC1605/LTC1605A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
●
100
kHz
tCONV
Conversion Time
●
8
µs
tACQ
Acquisition Time
●
2
µs
t1
Convert Pulse Width
(Note 11)
●
40
ns
t2
Data Valid Delay After R/C
↓
(Note 9)
●
8
µs
t3
BUSY Delay from R/C
↓
CL = 50pF
●
65
ns
t4
BUSY Low
8
µs
t5
BUSY Delay After End of Conversion
220
ns
t6
Aperture Delay
40
ns
t7
Bus Relinquish Time
●
10
35
83
ns
t8
BUSY Delay After Data Valid
●
50
200
ns
t9
Previous Data Valid After R/C
↓
7.4
µs
t10
R/C to CS Setup Time
(Notes 9, 10)
10
ns
t11
Time Between Conversions
10
µs
t12
Bus Access and Byte Delay
(Notes 9, 10)
10
83
ns
TIMING CHARACTERISTICS
POWER REQUIREMENTS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with DGND, AGND1
and AGND2 wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VANA =
VDIG = VDD, they will be clamped by internal diodes. This product can
handle input currents of greater than 100mA below ground or above VDD
without latch-up.
Note 4: When these pin voltages are taken below ground, they will be
clamped by internal diodes. This product can handle input currents of
90mA below ground without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 100kHz, tr = tf = 5ns unless otherwise
specified.
Note 6: Linearity, offset and full-scale specifications apply for a VIN input
with respect to ground.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual end points of the transfer curve.
The deviation is measured from the center of the quantization band.
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The
● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
The
● denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com