Electronic Components Datasheet Search
  English  ▼

X  

LTC1605 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1605
Description  16-Bit, 100ksps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1605 Datasheet HTML 2Page - Linear Technology LTC1605 Datasheet HTML 3Page - Linear Technology LTC1605 Datasheet HTML 4Page - Linear Technology LTC1605 Datasheet HTML 5Page - Linear Technology LTC1605 Datasheet HTML 6Page - Linear Technology LTC1605 Datasheet HTML 7Page - Linear Technology LTC1605 Datasheet HTML 8Page - Linear Technology LTC1605 Datasheet HTML 9Page - Linear Technology LTC1605 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1605
1605fc
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1605 Nonaveraged 4096 Point FFT Plot
FREQUENCY (kHz)
–130
–120
–100
–110
–80
–90
–20
–40
–60
0
–30
–50
–70
–10
1605 • TPC07
0
5
10
15
20
25
30
35
40
45
50
fSAMPLE = 100kHz
fIN = 1kHz
SINAD = 87.5dB
THD = –101.7dB
SINAD vs Input Frequency
INPUT FREQUENCY (kHz)
1
90
89
88
87
86
85
84
83
82
81
10
100
1605 • TPC08
Total Harmonic Distortion vs
Input Frequency
INPUT FREQUENCY (kHz)
1
–70
–80
–90
–100
–110
10
100
1605 • TPC09
PIN FUNCTIONS
VIN (Pin 1): Analog Input. Connect through a 200Ω
resistor to the analog input. Full-scale input range is
±10V.
AGND1 (Pin 2): Analog Ground. Tie to analog ground
plane.
REF (Pin 3): 2.5V Reference Output. Bypass with 2.2
µF
tantalum capacitor. Can be driven with an external refer-
ence.
CAP (Pin 4): Reference Buffer Output. Bypass with 2.2
µF
tantalum capacitor.
AGND2 (Pin 5): Analog Ground. Tie to analog ground
plane.
D15 to D8 (Pins 6 to 13): Three-State Data Outputs.
Hi-Z state when CS is high or when R/C is low.
DGND (Pin 14): Digital Ground.
D7 to D0 (Pins 15 to 22): Three-State Data Outputs.
Hi-Z state when CS is high or when R/C is low.
BYTE (Pin 23): Byte Select. With BYTE low, data will be
output with Pin 6 (D15) being the MSB and Pin 22 (D0)
being the LSB. With BYTE high the upper eight bits and
the lower eight bits will be switched. The MSB is output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com