Electronic Components Datasheet Search
  English  ▼

X  

LTC1643L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1643L
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643L Datasheet(HTML) 1 Page - Linear Technology

  LTC1643L Datasheet HTML 1Page - Linear Technology LTC1643L Datasheet HTML 2Page - Linear Technology LTC1643L Datasheet HTML 3Page - Linear Technology LTC1643L Datasheet HTML 4Page - Linear Technology LTC1643L Datasheet HTML 5Page - Linear Technology LTC1643L Datasheet HTML 6Page - Linear Technology LTC1643L Datasheet HTML 7Page - Linear Technology LTC1643L Datasheet HTML 8Page - Linear Technology LTC1643L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1643L/LTC1643L-1/LTC1643H
PCI-Bus Hot Swap
Controller
Hot Swappable PCI Supply
I
Allows Safe Board Insertion and Removal from a
Live PCI Slot
I
Works on either a Motherboard (LTC1643H) or
CompactPCITM Card (LTC1643L/LTC1643L-1)
I
Controls –12V, 3.3V, 5V, 12V Supplies
I
Programmable Foldback Current Limit with
Circuit Breaker
I
User-Programmable Supply Voltage Power-Up Rate
I
High Side Drive for External N-Channel MOSFETs
I
–12V and 12V On-Chip Switches
I
Fault and Power-Good Outputs
The LTC®1643 is a Hot SwapTM controller that allows a board
to be safely inserted and removed from a live PCI-Bus slot.
Two external N-channel transistors control the 3.3V and 5V
supplies while on-chip switches control the –12V and 12V
supplies.Allsupplyvoltagescanberampedupataprogram-
mable rate. An electronic circuit breaker protects all four
suppliesagainstovercurrentfaults.Thefoldbackcurrentlimit
feature limits current spikes and power dissipation when
shortsoccurandallowsboardswithlargecapacitancestobe
poweredupwithouttrippingthecircuitbreaker.ThePWRGD
output indicates when all of the supply voltages are within
tolerance and the FAULT output indicates an overcurrent
condition.The ON(LTC1643H)/ON (LTC1643L/LTC1643L-1)
pin is used to cycle the board power or reset the circuit
breaker. The LTC1643L-1 has the
±12V power good com-
parators disabled.
The LTC1643 is available in a 16-pin narrow SSOP package.
I
PCI-Based Servers
I
CompactPCI Compliant Boards
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
CompactPCI is a trademark of PCI Industrial Computer Manufacturing Group.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION
R2
0.005
Ω
Q2
IRF7413
Q1
IRF7413
R1
0.007
Ω
R5
10
Ω
R6
10
Ω
R7
100
Ω
C1
0.047
µF
5V
5A
3.3V
7.6A
GND
–12V
100mA
12V
500mA
R3
10k
R4
10k
11
3
13
12
14
16
15
4
10
9
8
1
2
5
6
7
3VIN
GND
12VIN
VEEIN
ON
FAULT
PWRGD
3VSENSE
5VSENSE
3VOUT
LTC1643H
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
1643 TA01
SYSTEM
POWER
SUPPLY
PCI
POWER
SYSTEM
CONTROLLER
C2
0.1
µF
RESET
LOGIC
RESET
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1643L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1 Datasheet
225Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1CGN LINER-LTC1643L-1CGN Datasheet
225Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
More results

Similar Description - LTC1643L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241 Datasheet
279Kb / 16P
PCI-Bus with 3.3V Auxiliary Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
Hot-Swap PCI Power Controller
logo
Linear Technology
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
PCI-Bus with 3.3V Auxiliary Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com