Electronic Components Datasheet Search
  English  ▼

X  

LTC1643L Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1643L
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643L Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1643L Datasheet HTML 8Page - Linear Technology LTC1643L Datasheet HTML 9Page - Linear Technology LTC1643L Datasheet HTML 10Page - Linear Technology LTC1643L Datasheet HTML 11Page - Linear Technology LTC1643L Datasheet HTML 12Page - Linear Technology LTC1643L Datasheet HTML 13Page - Linear Technology LTC1643L Datasheet HTML 14Page - Linear Technology LTC1643L Datasheet HTML 15Page - Linear Technology LTC1643L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1643L/LTC1643L-1/LTC1643H
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 9. System Without 3.3V Supply
TYPICAL APPLICATIONS
GN16 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.009
(0.229)
REF
Q1
IRF7413
R1
0.007
Ω
R6
10
Ω
R7
100
Ω
C1
0.047
µF
5V
5A
GND
–12V
100mA
12V
500mA
R3
10k
R4
10k
11
13
12
14
3
16
15
4
10
9
8
1
2
5
6
7
3VIN
GND
12VIN
VEEIN
ON
FAULT
PWRGD
3VSENSE 5VSENSE
3VOUT
LTC1643H
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
1643 G09
SYSTEM
POWER
SUPPLY
PCI
POWER
SYSTEM
CONTROLLER
C2
0.1
µF
4
3
2
1
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com