Electronic Components Datasheet Search
  English  ▼

X  

UPD6134GS Datasheet(PDF) 42 Page - NEC

Part # UPD6134GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6134GS Datasheet(HTML) 42 Page - NEC

Back Button UPD6134GS Datasheet HTML 38Page - NEC UPD6134GS Datasheet HTML 39Page - NEC UPD6134GS Datasheet HTML 40Page - NEC UPD6134GS Datasheet HTML 41Page - NEC UPD6134GS Datasheet HTML 42Page - NEC UPD6134GS Datasheet HTML 43Page - NEC UPD6134GS Datasheet HTML 44Page - NEC UPD6134GS Datasheet HTML 45Page - NEC UPD6134GS Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
42
µPD6133, 6134
Data Sheet U10454EJ6V0DS00
9.7 Branch Instructions
The program memory consists of pages in steps of 1K (000H to 3FFH). However, as the assembler automatically
performs page optimization, it is unnecessary to designate pages. The pages allowed for each product are as
follows.
µPD6133 (ROM: 0.5K steps) : page 0
µPD6134 (ROM: 1K steps)
: page 0
µPD61P34B (ROM: 1K steps): page 0
JMP addr
<1> Instruction code
: page 0
0100010001
; page 1 0100110001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 1
<3> Function
: PC
← addr
The 10 bits (PC9-0) of the program counter are replaced directly by the specified address addr (a9 to
a0).
JC addr
<1> Instruction code
: page 0
0110010001
; page 1 0101010001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 1
<3> Function
: if
CY = 1
PC
← addr
else
PC
← PC + 2
If the carry flag CY is set (to 1), a jump is made to the address specified with addr (a9 to a0).
JNC addr
<1> Instruction code
: page 0
0110110001
; page 1 0101110001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 1
<3> Function
: if
CY = 0
PC
← addr
else
PC
← PC + 2
If the carry flag CY is cleared (to 0), a jump is made to the address specified with addr (a9 to a0).
JF addr
<1> Instruction code
: page 0
0111010001
; page 1 1000010001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 1
<3> Function
: if
F = 1
PC
← addr
else
PC
← PC + 2
If the status flag F is set (to 1), a jump is made to the address specified with addr (a9 to a0).
JNF addr
<1> Instruction code
: page 0
0111110001
; page 1 1000110001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 1
<3> Function
: if
F = 0
PC
← addr
else
PC
← PC + 2
If the status flag F is cleared (to 0), a jump is made to the address specified with addr (a9 to a0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com