Electronic Components Datasheet Search
  English  ▼

X  

UPD6134GS Datasheet(PDF) 51 Page - NEC

Part # UPD6134GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6134GS Datasheet(HTML) 51 Page - NEC

Back Button UPD6134GS Datasheet HTML 47Page - NEC UPD6134GS Datasheet HTML 48Page - NEC UPD6134GS Datasheet HTML 49Page - NEC UPD6134GS Datasheet HTML 50Page - NEC UPD6134GS Datasheet HTML 51Page - NEC UPD6134GS Datasheet HTML 52Page - NEC UPD6134GS Datasheet HTML 53Page - NEC UPD6134GS Datasheet HTML 54Page - NEC UPD6134GS Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
51
µPD6133, 6134
Data Sheet U10454EJ6V0DS00
System Clock Oscillator Characteristics (TA = –40 to +85 ˚C, VDD = 1.8 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
300
455
500
kHz
(ceramic resonator)
VDD = 2.2 to 3.6 V
300
455
1000
kHz
Recommended Ceramic Resonator (TA = –40 to +85 ˚C)
Manufacturer
Recommended Constant
Power Supply
(Order Disregarded)
Part Number
Voltage [V]Note
Remark
C1 [pF]
C1 [pF]
Rd [k
Ω]
MIN.
MAX.
Murata Mfg. Co., Ltd
CSB455E
150
150
0
1.8
3.6
CSB600P
150
150
0
2.2
3.6
CSB910J
100
100
0
2.2
3.6
Kyocera Corp.
KBR-455BK
220
220
0
1.8
3.6
KBR-455BY
220
220
0
1.8
3.6
KBR-1000F
100
100
0
2.2
3.6
KBR-1000Y
100
100
0
2.2
3.6
TDK Corp.
FCR400K3
220
220
0
1.8
3.6
FCR455K3
220
220
0
1.8
3.6
FCR500K3
220
220
0
1.8
3.6
Matsushita
EFOA440K06B
470
470
0
1.8
3.6
Electronics
EFOA455K06B
470
470
0
1.8
3.6
Components Co., Ltd. EFOA480K06B
470
470
0
1.8
3.6
Note When a POC circuit (mask option) is not incorporated
An external circuit example
XIN
XOUT
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com