Electronic Components Datasheet Search
  English  ▼

X  

LTC1701 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converters in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 3 Page - Linear Technology

  LTC1701 Datasheet HTML 1Page - Linear Technology LTC1701 Datasheet HTML 2Page - Linear Technology LTC1701 Datasheet HTML 3Page - Linear Technology LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1701/LTC1701B
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
10
100
1000
1701 • G01
VIN = 5.0V
VIN = 3.3V
VOUT = 2.5V
LTC1701
LTC1701B
INPUT VOLTAGE (V)
2
6
1701 • G02
3
4
5
100
95
90
85
80
75
70
65
60
ILOAD =100mA
ILOAD =10mA
VOUT = 2.5V
LTC1701
LTC1701B
INPUT VOLTAGE (V)
1701 • G03
300
250
200
150
100
50
0
2
3
4
5
6
ACTIVE
SLEEP
SUPPLY VOLTAGE (V)
1701 • G04
370
350
330
310
290
270
250
2
3
4
5
6
LOAD CURRENT (mA)
0
200
400
1701 • G05
0.60
0.40
0.20
0.00
–0.20
–0.40
–0.60
–0.80
–1.00
–1.20
–1.40
600
VOUT = 5.0V
VOUT = 3.3V
VIN (V)
1701 • G06
0.30
0.25
0.20
0.15
0.10
0.05
0
2
3
4
5
6
ILOAD = 200mA
ILOAD = 400mA
VIN (V)
3.0
3.8
701 • G07
3.2
3.4
3.6
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 200mA
VOUT = 3.3V
FIGURE 1
1701 G09
VOUT
50mV/DIV
AC COUPLED
VIN = 3.3V, VOUT = 2.5V
CIRCUIT OF FIGURE 1
ILOAD = 100mA TO 500mA STEP
IL
200mA/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Input Voltage
DC Supply Current
Switch Resistance vs
Supply Voltage
Load Regulation
Line Regulation
Dropout Characteristics
Start-Up
Transient Response
1701 G08
VOUT
1V/DIV
VIN = 3.3V, VOUT = 2.5V
CIRCUIT OF FIGURE 1
RLOAD = 6Ω
ITH
2V/DIV
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com