Electronic Components Datasheet Search
  English  ▼

X  

LTC1701 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converters in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 4 Page - Linear Technology

  LTC1701 Datasheet HTML 1Page - Linear Technology LTC1701 Datasheet HTML 2Page - Linear Technology LTC1701 Datasheet HTML 3Page - Linear Technology LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1701/LTC1701B
SW (Pin 1): The Switch Node Connection to the Inductor.
This pin swings from VIN to a Schottky diode (external)
voltage drop below ground. The cathode of the Schottky
diode must be closely connected to this pin.
GND (Pin 2): Ground Pin. Connect to the (–) terminal of
COUT, the Schottky diode and (–) terminal of CIN.
VFB (Pin 3): Receives the feedback voltage from the
external resistive divider across the output. Nominal volt-
age for this pin is 1.25V.
ITH/RUN (Pin 4): Combination of Error Amplifier Compen-
sation Point and Run Control Input. The current compara-
tor threshold increases with this control voltage. Nominal
voltage range for this pin is 1.25V to 2.25V. Forcing this
pin below 0.8V causes the device to be shut down. In
shutdown all functions are disabled.
VIN (Pin 5): Main Supply Pin and the (+) Input to the
Current Comparator. Must be closely decoupled to ground.
PI FU CTIO S
BLOCK DIAGRA
–
+
1.25V
BANDGAP
REFERENCE
ITH/REF
CLAMP
SHDN
50
µA
VREF
VREF
1.4V
1.5V
VREF
(1.25V)
–
+
OVER
VOLTAGE
COMP
–
+
ITH
COMP
–
+
ERROR
AMP
(1.25V TO 2.25V)
–
+
CURRENT
COMP
VREF
–
+
CURRENT
SENSE
AMP
SW
GND
1701 BD
VIN
OFF-TIMER
AND GATE
CONTROL LOGIC
GATE
DRIVER
VFB
ITH/RUN
PULSE
STRETCHER
VFB < 0.6V
VIN
VIN
(LTC1701 only)
Pin Limit Table
NOMINAL (V)
ABSOLUTE MAX (V)
PIN
NAME
DESCRIPTION
MIN
TYP
MAX
MIN
MAX
1
SW
Switch Node
– 0.3
VIN
VIN – 8.5
VIN + 0.3
2
GND
Ground Pin
0
3VFB
Output Feedback Pin
0
1.25
1.35
– 0.3
3
4ITH/RUN
Error Amplifier Compensation and RUN Pin
0
2.25
– 0.3
3
5VIN
Main Power Supply
2.5
5.5
– 0.3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com