Electronic Components Datasheet Search
  English  ▼

X  

APSX4048SW Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # APSX4048SW
Description  PowerVerter APS X Series 4000W Inverter/Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX4048SW Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  APSX4048SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Overvoltage Correction
Overvoltages are automatically reduced by 10%
Brownout Correction
Brownouts are automatically boosted by 10% and 20%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
LCD display offers continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
Switches
5 memebrane switches allow user to operate and configure unit operation.
PHYSICAL
Unit Dimensions (hwd / in.)
9 x 7.25 x 22.50
Unit Weight (lbs.)
49
Material of Construction
Metal
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
Operating Temperature
32-104 Fahrenheit / 0-40 Celcius
LINE / BATTERY TRANSFER
Transfer Time (Line Power to
Battery Mode)
20 millisecond (full cycle) / 10 millisecond (half-cycle)
Low Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops 10 to 80V AC (user adjustable).
See manual
High Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases 10 to 40V AC (user
adjustable). See manual
SPECIAL FEATURES
Remote Control Capability
Yes
TVSS Grounding
Main grounding lug connects inverter/charger to earth or vehicle chassis ground
WARRANTY
Product Warranty Period (U.S. &
Canada)
2-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com