Electronic Components Datasheet Search
  English  ▼

X  

APSX4048SW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX4048SW
Description  PowerVerter APS X Series 4000W Inverter/Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX4048SW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX4048SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter® APS X Series 4000W Inverter/Charger
with Auto-Transfer Switching and Hardwire
Input/Output
MODEL NUMBER: APSX4048SW
Description
Tripp Lite’s APSX4048SW DC-to-AC inverter with automatic line-to-battery transfer and integrated charging
system serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to
4000 watts of continuous 220,230 or 240V selectable AC input & output from any 48V DC battery or automotive
DC source; 50/60 Hz pure sine wave output (hardwired). When hardwire AC input is energized, commercial
power passes through to connected equipment and the battery set is recharged via 3 stage, 1/70 amp charging
system. In UPS mode, the APS system responds to blackouts and severe voltage fluctuations with a near
instantaneous automatic transfer to battery-derived AC output. Includes a set of high current DC input terminals
for simple installation (user supplies batteries and cabling - see owner's manual for recommendations). Passes
sine wave utility or generator power during battery charging and UPS line power operation, and sine wave AC
output in inverter and UPS backup modes. Built-in Automatic Voltage Regulation (AVR) corrects line power AC
brownouts and overvoltages without using battery power during battery charging and UPS standby modes.
Reliable large transformer design, with frequency control powers resistive electronic loads or large inductive
motors, compressors and other items with high current needs on startup. Optional APSRMSW wired remote
power switch with full status LEDs provides remote power inverter on/off switching and continuous status
information (part# APSRMSW sold separately). Supports an unlimited amount of runtime with any number of
user-supplied batteries connected. Highly adaptable to a variety of applications and site conditions with
adjustable charger settings for wet/gel battery types and selectable line to battery power transfer voltages.
Features
220,230 or 240V selectable AC input & output from any 48V DC battery or automotive DC source
4000W continuous pure sine wave AC output in inverter mode
Double Boost output supports momentary start-up loads up to 200% of the continuous rating for up to 10
seconds (see specification chart) - OverPower output supports longer duration overloads to 150% for up to 60
seconds
Highlights
220,230 or 240V selectable AC
input & output from any 48V DC
battery or automotive DC source
50/60 Hz, pure sine wave output
(hardwired)
4000 watts continuous, 4500
watts OverPower and 6000 watts
DoubleBoost inverter output
3-stage, 1/70 amp selectable
wet/dry cell battery charger; Auto
Transfer Switching
Automatic Voltage Regulation
corrects brownouts and
overvoltages without using
battery power
Capable of 3-phase operation:
See owner's manual
Capable of parallel operation up
to 7 units (28kw)
Applications
Versatile inverter/charger with
auto-transfer switching serves as an
automotive inverter for RVs,
over-the-road trucking, conversion
vans, high humidity environments and
fleet service vehicles; a standalone
alternative power source for off-grid,
alternative energy or export
applications and as an uninterruptible
power supply (UPS) for items
compatible with selectabe half-cycle
(10ms) or full-cycle (20ms) transfer
times. NOTE: For sump pump
applications, Tripp Lite recommends
its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APSX4048SW Inverter/Charger
Instruction manual with warranty
information
1 / 4


Similar Part No. - APSX4048SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
More results

Similar Description - APSX4048SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com