Electronic Components Datasheet Search
  English  ▼

X  

CT120 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CT120
Description  Instant-Read AC Outlet Circuit Tester with Diagnostic LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CT120 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CT120 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CT120 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Instant-Read AC Outlet Circuit Tester with
Diagnostic LEDs
MODEL NUMBER: CT120
Description
Tripp Lite's instant-read CT120 circuit tester detects wiring stability in standard 120 volt AC wall sockets. Simply plug the circuit tester into a receptacle and
view the lighted 3 lamp status display for verification of correct wiring, open ground, open neutral, open hot, hot-ground reversal and hot-neutral reversal fault
conditions. Sticker on the tester offers lighting combinations for each wiring condition. Ultra-portable design and easy to read lighted display makes the CT120
an excellent addition to any laptop carrying case, tool belt or workbench. Low cost design saves the expense of hiring an electrician to determine wiring
stability.
Features
Offers instant-read notification of correct wiring status of any 120VAC wall socket with a standard NEMA5-15R receptacle (not for use with Ground Fault
Interrupt -GFI outlets).
Diagnoses several common wiring faults, including open ground, open neutral, hot-ground reversal and hot-neutral reversal fault conditions (detects most
common wiring problems, but not all fault conditions)
Lighted, easy to read 3 lamp status display allows non-technical users to quickly determine the presence of wiring problems and schedule electrical repairs
without damage to sensitive electronic devices
Ultra-portable design makes the CT120 and ideal addition to any laptop carrying case, tool belt or workbench
Prevents equipment damage and unsafe wiring by easily identifying common electrical fault conditions so that they can be repaired by a qualified electrician
Low cost design saves the expense of hiring a professional electrician to determine wiring stability
Specifications
INPUT
Highlights
Simple to use plug-in tester
Instantly displays several
common wiring fault
Applications
Ideal for home, home-office and
business use as a means of
determining if outlets are safe for
use with computer, networking,
telecom, consumer electronics
and other sensitive electronic
devices.
Package Includes
NEMA 5-15PCT120 circuit tester
Operating instructions
1 / 2


Similar Part No. - CT120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CT120013 BEL-CT120013 Datasheet
206Kb / 1P
Field Terminated Plug with IDCS, M12 X-Code, Male
Rev. A2
CT120016 BEL-CT120016 Datasheet
166Kb / 1P
M12 X-Code, Vertical, Rear Mount PCB Receptacle
Rev. A0
CT120017 BEL-CT120017 Datasheet
204Kb / 1P
M12 X-Code, Right Angle, Rear Mount PCB Receptacle
Rev. A0
CT120018 BEL-CT120018 Datasheet
292Kb / 1P
M12 X-CODE, IP 68 VERTICAL PANEL MOUNT
Rev. A0
CT120019 BEL-CT120019 Datasheet
199Kb / 1P
M12 X-CODE IP 68 PLASTIC CAP
Rev. A0
More results

Similar Description - CT120

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16689MP HITACHI-HA16689MP Datasheet
148Kb / 6P
READ/WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
AC Circuit Breaker Finder/Receptacle Tester
CB10 EXTECH-CB10_15 Datasheet
240Kb / 1P
AC Circuit Breaker Finder/Receptacle Tester
CB20 EXTECH-CB20 Datasheet
571Kb / 1P
Circuit Breaker Finder/ Receptacle Tester
logo
PHOENIX CONTACT
2891935 PHOENIX-2891935 Datasheet
71Kb / 4P
Local diagnostic indicators with LEDs
logo
Good Will Instrument Co...
GCT-9040 GWINSTEK-GCT-9040 Datasheet
1Mb / 2P
AC GROUND BOND TESTER
logo
List of Unclassifed Man...
98132 ETC-98132 Datasheet
405Kb / 3P
AC Outlet Analyzer and Wrist Strap Tester Installation, Operation and Maintenance
logo
Weidmuller
9915480001 WEIDMULLER-9915480001 Datasheet
207Kb / 4P
AC Outlet Modules
04/2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com