Electronic Components Datasheet Search
  English  ▼

X  

CT120 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CT120
Description  Instant-Read AC Outlet Circuit Tester with Diagnostic LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CT120 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CT120 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CT120 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal Input Voltage(s) Supported
120V AC
Voltage Compatibility (VAC)
120
Input Plug Type
NEMA 5-15P
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
3 indicator lights (2 yellow / 1 red)
PHYSICAL
Shipping Dimensions (hwd / in.)
4 x 4 x 1.75 (HWD/in.)
Shipping Dimensions (hwd / cm)
10.16 x 10.16 x 4.45
Shipping Weight (lbs.)
0.18
Shipping Weight (kg)
0.08
Unit Dimensions (hwd / in.)
3 x 1.5 x 0.5
Unit Dimensions (hwd / cm)
7.62 x 3.81 x 1.27
Unit Weight (lbs.)
0.08
Unit Weight (kg)
0.04
Housing Color
Black plastic
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com