Electronic Components Datasheet Search
  English  ▼

X  

A1277 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # A1277
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

A1277 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  A1277 Datasheet HTML 1Page - KEC(Korea Electronics) A1277 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1995. 8. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1277
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH VOLTAGE APPLICATION.
DC-DC CONVERTER.
LOW POWER SWITCHING REGULATOR.
FEATURES
High Breakdown Voltage.
Low Collector Saturation Voltage.
High Speed Switching.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification
O:60~120,
Y:100~200
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB=-400V
-
-
-10
A
Emitter Cutoff Current
IEBO
VEB=-5V
-
-
-10
Collector Base Voltage
V(BR)CBO
IC=-100 A
-400
-
-
V
Collector Emitter Voltage
V(BR)CEO
IC=-1mA
-400
-
-
DC Current Gain
hFE (Note)
VCE=-5V, IC=-100mA
60
-
200
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-1
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-100mA, IB=-10mA
-
-
-1.2
Switching Time
Turn On Time
ton
IC=-100mA, RL=1.5k
IB1=-10mA, IB2=20mA
VCC=-150V
-
-
1
S
Storage Time
tstg
-
-
4
Fall Time
tf
-
-
1


Similar Part No. - A1277

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
A1277 KEC-A1277 Datasheet
82Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
A1277 FOSHAN-A1277 Datasheet
822Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package.
More results

Similar Description - A1277

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
KEC(Korea Electronics)
KTA1703 KEC-KTA1703 Datasheet
340Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
Sanyo Semicon Device
2SA2126 SANYO-2SA2126 Datasheet
48Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
VEC1106 SANYO-VEC1106 Datasheet
244Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1104 SANYO-PCP1104 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com