Electronic Components Datasheet Search
  English  ▼

X  

A1277 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # A1277
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

A1277 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  A1277 Datasheet HTML 1Page - KEC(Korea Electronics) A1277 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1995. 8. 28
2/2
KTA1277
Revision No : 0
0
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0
0
COLLECTOR EMITTER VOLTAGE V
(V)
CE
REVERSE BIAS SAFE OPERATING AREA
10
1
100
-1k
-100
-10
-0.1
COLLECTOR CURRENT I (mA)
C
0
COLLECTOR EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
SAFE OPERATING AREA
CE
COLLECTOR EMITTER VOLTAGE V
(V)
-1
-10
-100
-1k
-0.001
-2
-4
-6
-8
-10
-0.1
-0.2
-0.3
-0.4
-0.5
I =-200mA
B
-180mA
-160mA
-140mA
-120mA
-100mA
-80mA
-60mA
-40mA
-20mA
FE
C
-0.3
-1
-3
-30
-300
3
30
300
1k
COMMON EMITTER
Ta=25 C
V
=-5V
CE
C
I /I =10
-10
-3
-0.3
-0.03
-300
-30
-3
-1
-0.3
C
BE(sat)
V
, V
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
-10
-100
-1k
-1
-0.01
-0.1
CE(sat)
B
-100
-200
-300
-400
-500
-50
-100
-150
-200
-250
-3
-30
-300
-0.01
-0.1
-1
-10
-0.003
-0.03
-0.3
-3
I
(PULSE) MAX.
C
10µS
100µS
1m
S
DC
DISSI
PATION
S/b
LIMITED
LIM
ITED
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
VBE(sat)
CE(sat)
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com