Electronic Components Datasheet Search
  English  ▼

X  

AN1131 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1131
Description  This application note provides information
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1131 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1131 Datasheet HTML 4Page - STMicroelectronics AN1131 Datasheet HTML 5Page - STMicroelectronics AN1131 Datasheet HTML 6Page - STMicroelectronics AN1131 Datasheet HTML 7Page - STMicroelectronics AN1131 Datasheet HTML 8Page - STMicroelectronics AN1131 Datasheet HTML 9Page - STMicroelectronics AN1131 Datasheet HTML 10Page - STMicroelectronics AN1131 Datasheet HTML 11Page - STMicroelectronics AN1131 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
MIGRATING APPLICATIONS FROM ST72511/311/314/124 TO ST72521/321/324
4.4 WATCHDOG TIMINGS
In the ST72521/321R, 321/324J, the watchdog timeout does not have an exact duration like in
the ST72511/311R, 314N, 314/124J. It may vary between the min. and max. times specified in
Figure 2. To guarantee upward compatibility, you have to take this into account when you de-
velop your software. The reason for this change is that the watchdog counter has been
grouped with the Active-HALT counter and SLOW mode prescaler to enhance power con-
sumption and EMC performance.
Figure 1. Watchdog Block Diagram
The watchdog counter is no longer clocked by fCPU (as it was in the ST72511/311R, 314N,
314/124J) but by fOSC2 divided by approx. 16384 ( fOSC2 is the PLL output frequency when
the PLL is activated or fOSC/2 =fCPU if the PLL is disabled).
In the ST72521/321R, 321/324J datasheet, the linear relationship between the 7-bit value to
be loaded in the Watchdog Counter (CNT) and the resulting timeout duration in milliseconds is
described. This can be used for a quick calculation without taking the timing variations into ac-
count. If more precision is needed, use the formulae in Figure 2
.
RESET
WDGA
7-BIT DOWNCOUNTER (CNT)
fOSC2
T6
T0
WDG PRESCALER
WATCHDOG CONTROL REGISTER (WDGCR)
DIV 4
T1
T2
T3
T4
T5
12-BIT MCC
RTC COUNTER
MSB
LSB
DIV 64
0
5
6
11
MCC/RTC
TB[1:0] bits
(MCCSR
Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com