Electronic Components Datasheet Search
  English  ▼

X  

AN1602 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1602
Description  16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1602 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1602 Datasheet HTML 13Page - STMicroelectronics AN1602 Datasheet HTML 14Page - STMicroelectronics AN1602 Datasheet HTML 15Page - STMicroelectronics AN1602 Datasheet HTML 16Page - STMicroelectronics AN1602 Datasheet HTML 17Page - STMicroelectronics AN1602 Datasheet HTML 18Page - STMicroelectronics AN1602 Datasheet HTML 19Page - STMicroelectronics AN1602 Datasheet HTML 20Page - STMicroelectronics AN1602 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20/21
16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
– Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a successful com-
parison with OC2R register.
Step 4. Configure the CR2 register:
– Set the PWM bit.
– Select the timer clock (CC[1:0]).
2.2.2 Example
For example, to generate a PWM signal with the same characteristics as the example for the
ST7262 (see Section 2.1.1):
Fcpu = 8 Mhz, So TTimer = 0.5 µs
High Level period = 500 µs
= 1000 * TTimer
= (3E8h) * TTimer
Low Level period = 200 µs
= 400 * TTimer
= (190h) * TTimer
PWM signal full period = 700 µs
= (578h) * TTimer
So we can calculate the following values:
OC2R = 578h - 5h = 573h
OC1R = 3E8h - 5h = 3E3h
OLVL1 = 1 & OLVL2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com