Electronic Components Datasheet Search
  English  ▼

X  

AN1605 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1605
Description  USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1605 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1605 Datasheet HTML 1Page - STMicroelectronics AN1605 Datasheet HTML 2Page - STMicroelectronics AN1605 Datasheet HTML 3Page - STMicroelectronics AN1605 Datasheet HTML 4Page - STMicroelectronics AN1605 Datasheet HTML 5Page - STMicroelectronics AN1605 Datasheet HTML 6Page - STMicroelectronics AN1605 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
Table 3. Consumption for Cext = 0.47 µF
The parameters on which the consumption depends are as follows:
s
The MCU inserts a delay of 256 CPU cycles to stabilize the internal RC, during this time it
consumes some current.
For example at 3.6V, the details of the duration of different modes are as follows:
– MCU in Halt mode: 72.00 ms
– MCU in Run mode (delay period + capacitor discharge time) : 211.2 µs
Setup No.
VDD (Volts)
Average IDD
(mA)
Consumption
in Run mode
Average IDD (µA)
Consumption in
Power saving
mode
Ext Interrupt
Interval (ms)
IDD (µA)
Consumption
when MCU is in
HALT
1
2.4
1.45
19.6
69.8
0.1
2
2.6
1.74
25.1
60.0
3
2.8
2.01
32.1
52.2
4
3.0
2.29
39.0
46.6
5
3.2
2.60
46.2
42.1
6
3.4
2.95
54.2
38.0
7
3.6
3.34
62.5
35.2
8
3.8
3.54
71.7
32.8
9
4.0
3.75
81.2
30.8
10
4.2
3.91
91.8
29.2
11
4.4
4.12
101.9
27.7
12
4.6
4.31
112.6
26.5
13
4.8
4.51
124.0
25.4
14
5.0
4.73
135.4
24.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com