Electronic Components Datasheet Search
  English  ▼

X  

AN1605 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1605
Description  USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1605 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1605 Datasheet HTML 1Page - STMicroelectronics AN1605 Datasheet HTML 2Page - STMicroelectronics AN1605 Datasheet HTML 3Page - STMicroelectronics AN1605 Datasheet HTML 4Page - STMicroelectronics AN1605 Datasheet HTML 5Page - STMicroelectronics AN1605 Datasheet HTML 6Page - STMicroelectronics AN1605 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
s
The charging time is mainly controlled through the capacitor value. But if the capacitor value
is increased beyond 1uF, although the interval between external interrupts (in ms) is
increased, the capacitor itself consumes more current while charging. Hence, the average
consumption is high in this case. A summary of the consumption and the external interrupt
interval for Cext = 2.2uF and 4.7uF is shown in Table 4. It can be seen from this table that
even though the external interrupt interval is longer than in Tables 2 & 3, the consumption is
higher.
Table 4. Power Consumption and Ext. Interrupt Interval for Cext = 2.2 µF and Cext = 4.7 µF
If a different hardware setup is used, where an external series R (to generate the external in-
terrupt through an external RC combination) is connected, the capacitor charging time de-
creases drastically. For example, when a series R of 490K is added, the charging time de-
creases to 6.7µs. Hence, the period the MCU stays in Halt mode is very small, causing more
consumption.
As a conclusion, the best result (minimum consumption) is achieved with a 1µF capacitor
value and using an internal pullup. This is illustrated in Figure 3.
Figure 3 shows the average IDD consumption in Halt mode and Run mode respectively with
the two different capacitor values (Cext = 1.0 uF and 0.47uF) used for the active RC.
Setup
No.
VDD (Volts)
C= 2.2µF
C= 4.7µF
Average IDD (µA)
Consumption in
power saving
mode
Ext Interrupt
Interval (ms)
Average IDD (µA)
Consumption in
Power saving
mode
Ext Interrupt
Interval. (ms)
1
3.0
35.6
171.6
48.9
200.0
2
4.0
86.4
107.6
114.5
124.2
3
5.0
146.6
83.6
189.6
97.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com